データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-35301-015 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-35301-015
部品情報  2.50mm (.098") Pitch SPOX??Wire-to-Board Header
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX4 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-35301-015 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-35301-015 Datasheet HTML 1Page - Molex Electronics Ltd. SD-35301-015 Datasheet HTML 2Page - Molex Electronics Ltd. SD-35301-015 Datasheet HTML 3Page - Molex Electronics Ltd. SD-35301-015 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0353010760
Status:
Active
Description:
2.50mm (.098") Pitch SPOX™ Wire-to-Board Header, Vertical, Shrouded, Tube
Packaged Version of 5267, 7 Circuits, Tin (Sn) Plating
Documents:
3D Model
Product Specification PS-35301-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR 19980
UL
E29179
General
Product Family
PCB Headers
Series
35301
Application
Wire-to-Board
Product Name
SPOX™
Physical
Breakaway
No
Circuits (Loaded)
7
Circuits (maximum)
7
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Plating min: Mating (µin)
160
Plating min: Mating (µm)
4
Plating min: Termination (µin)
160
Plating min: Termination (µm)
4
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Partial
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35301Series
Mates With
5264 SPOX™ Wire-to-Board Crimp
Housing. 42219 SPOX™ IDT Receptacle
Housing


同様の部品番号 - SD-35301-015

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-35301-001 MOLEX4-SD-35301-001 Datasheet
169Kb / 4P
   2.50mm (.098") Pitch SPOX??Wire-to-Board Header, Vertical, Shrouded
SD-35301-001 MOLEX4-SD-35301-001 Datasheet
169Kb / 4P
   2.50mm (.098") Pitch SPOX?
SD-35301-002 MOLEX4-SD-35301-002 Datasheet
164Kb / 4P
   2.50mm (.098") Pitch SPOX?
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com