データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-19013-002 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-19013-002
部品情報  InsulKrimp??Fully Insulated Piggyback Quick Disconnect
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX4 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19013-002 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-19013-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19013-002 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190130028
Status:
Active
Description:
InsulKrimp™ Fully Insulated Piggyback Quick Disconnect, Tab 6.35mm (.250") by
0.81mm (.032"), 18-22 AWG, Expanded Flare, Red Insulator, Tape
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-008 (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19013
Crimp Quality Equipment
Yes
Product Name
InsulKrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed - Brazed
Color - Resin
Natural
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
No
Insulation
Nylon (PA)
Lock to Mating Part
No
Material - Resin
Nylon
Orientation
Straight
Packaging Type
Adhesive Tape on Reel
Polarized to Mating Part
Yes
Tab Thickness
0.81mm (.032")
Tab Width
6.35mm (.250")
Temperature Range - Operating
105°C
Wire Insulation Diameter
5.82mm (.229") max.
Wire Size AWG
18, 20, 22
Wire Size mm²
0.35 - 0.80
Electrical
Voltage - Maximum
600V AC
Material Info
Old Part Number
AA-2317XT
Reference - Drawing Numbers
Product Specification
PS-19902-008
Sales Drawing
SD-19013-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19013Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Mini-Mac™
Applicator
0638852300
Hand Crimp Tool
0640016300
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640056300
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - SD-19013-002

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-19013-001 MOLEX4-SD-19013-001 Datasheet
119Kb / 2P
   InsulKrimp??Fully Insulated
SD-19013-001 MOLEX4-SD-19013-001 Datasheet
119Kb / 2P
   InsulKrimp??Fully Insulated Piggyback Quick Disconnect
More results

同様の説明 - SD-19013-002

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0190130030 MOLEX4-0190130030 Datasheet
119Kb / 2P
   InsulKrimp??Fully Insulated Piggyback Quick Disconnect
0196020012 MOLEX4-0196020012 Datasheet
121Kb / 2P
   Avikrimp??Fully Insulated Piggyback Quick Disconnect
0190110036 MOLEX4-0190110036 Datasheet
116Kb / 2P
   InsulKrimp??Piggyback Quick Disconnect
0190070082 MOLEX4-0190070082 Datasheet
114Kb / 2P
   InsulKrimp??Female Fully Insulated Quick Disconnect
0190070069 MOLEX4-0190070069 Datasheet
105Kb / 2P
   InsulKrimp??Female Fully Insulated Quick Disconnect Flag
0190110035 MOLEX4-0190110035 Datasheet
117Kb / 2P
   InsulKrimp??Piggyback Quick Disconnect, Tab 6.35mm (.250
0190050010 MOLEX4-0190050010 Datasheet
111Kb / 3P
   InsulKrimp??Fully Insulated Female Quick
0190130033 MOLEX4-0190130033 Datasheet
118Kb / 2P
   InsulKrimp??Fully Insulated Piggyback Quick Disconnect, Tab 6.35mm (.250") by0.81mm (.032"), 10-12 AWG, Blue Insulator, Tape
0190130025 MOLEX4-0190130025 Datasheet
119Kb / 2P
   InsulKrimp??Fully Insulated Piggyback Quick Disconnect, Tab 6.35mm (.250") by0.81mm (.032"), 18-22 AWG, Red Insulator, Loose
0190130029 MOLEX4-0190130029 Datasheet
119Kb / 2P
   InsulKrimp??Fully Insulated Piggyback Quick Disconnect, Tab 6.35mm (.250") by0.81mm (.032"), 14-16 AWG, Blue Insulator, Tape
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com