データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

8-5BK データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 8-5BK
部品情報  Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX4 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

8-5BK データシート(HTML) 1 Page - Molex Electronics Ltd.

  8-5BK Datasheet HTML 1Page - Molex Electronics Ltd. 8-5BK Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192670129
Status:
Active
Overview:
permafit
Description:
Perma-Fit™ Thin-Wall multi Purpose Heat Shrink Tubing, 3.18mm (.125") Inside
Diameter (As Supplied), Black, 30.48m (100.0' ) Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
234945
UL
E159226
General
Product Family
Heat Shrink Tubing
Series
19267
Overview
permafit
Product Name
Perma-Fit™
Physical
Packaging Type
Reel
Temperature Range - Operating
-55°C to +135°C
Material Info
Old Part Number
PF-1/8-5BK
Reference - Drawing Numbers
Sales Drawing
SD-19267-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19267Series
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - 8-5BK

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
8-5 TEC-8-5 Datasheet
164Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
8-5 TEC-8-5 Datasheet
184Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
8-5099974-1 MACOM-8-5099974-1 Datasheet
108Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
8-5099974-2 MACOM-8-5099974-2 Datasheet
108Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
8-51864-1 MACOM-8-51864-1 Datasheet
203Kb / 2P
   TERMINAL RING TONGUE, I.R., PIDG, WIRE SIZE, 16-14WG
More results

同様の説明 - 8-5BK

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0192670108 MOLEX4-0192670108 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing
0192670130 MOLEX4-0192670130 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing
0192670183 MOLEX4-0192670183 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing
0192670153 MOLEX4-0192670153 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 4.75mm (.187
0192670251 MOLEX4-0192670251 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 12.70mm (.500
0192670189 MOLEX4-0192670189 Datasheet
239Kb / 2P
   Perma-Fit™ Thin-Wall multi Purpose Heat Shrink Tubing, 6.35mm
05/19/2010
0192670190 MOLEX4-0192670190 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 6.35mm (.250") InsidePerma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 6.35mm (.250") Inside
0192670099 MOLEX4-0192670099 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 2.36mm (.093)30.48m
0192670219 MOLEX4-0192670219 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 9.53mm (.375") InsideDiameterBlack30.48m100.0
0192670131 MOLEX4-0192670131 Datasheet
239Kb / 2P
   Perma-Fit??Thin-Wall multi Purpose Heat Shrink Tubing, 3.18mm (.125") InsideDiameterRed30.48m (100.0
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com