データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-19070-003 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-19070-003
部品情報  InsulKrimp??Ring Tongue Terminal for 18-22 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX4 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19070-003 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-19070-003 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19070-003 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190700007
Status:
Active
Description:
InsulKrimp™ Ring Tongue Terminal for 18-22 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-009 (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19070
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
InsulKrimp™
Type
Ring
Physical
Barrel Type
Closed
Flammability
94V-2
Insulation
PVC
Material - Plating Mating
Tin
Packaging Type
Bag
Stud Size
3-4 (M2.6)
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
3.70mm (.145") max.
Wire Size AWG
18, 20, 22
Wire Size mm²
0.35 - 0.80
Material Info
Old Part Number
AA-220-04X
Reference - Drawing Numbers
Product Specification
PS-19902-009
Sales Drawing
SD-19070-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19070Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640010100
Hand Crimp Tool
0640010300
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050300
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - SD-19070-003

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-19070-003 MOLEX4-SD-19070-003 Datasheet
180Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 18-22 AWG Wire
SD-19070-003 MOLEX4-SD-19070-003 Datasheet
182Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 18-22 AWG Wire
SD-19070-003 MOLEX4-SD-19070-003 Datasheet
182Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 18-22 AWG Wire
SD-19070-003 MOLEX4-SD-19070-003 Datasheet
182Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 18-22 AWG Wire
SD-19070-003 MOLEX4-SD-19070-003 Datasheet
182Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 18-22 AWG Wire
More results

同様の説明 - SD-19070-003

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0190700009 MOLEX4-0190700009 Datasheet
182Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 18-22 AWG Wire
0190700021 MOLEX4-0190700021 Datasheet
182Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 18-22 AWG Wire
0190700005 MOLEX4-0190700005 Datasheet
182Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 18-22 AWG Wire
0190700051 MOLEX4-0190700051 Datasheet
182Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 18-22 AWG Wire
0190700044 MOLEX4-0190700044 Datasheet
182Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 18-22 AWG Wire
0190700045 MOLEX4-0190700045 Datasheet
180Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 18-22 AWG Wire
0190700033 MOLEX4-0190700033 Datasheet
181Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 18-22 AWG Wire
0190700023 MOLEX4-0190700023 Datasheet
182Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 18-22 AWG Wire
0190700038 MOLEX4-0190700038 Datasheet
182Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 18-22 AWG Wire
0190700024 MOLEX4-0190700024 Datasheet
180Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 18-22 AWG Wire
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com