データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-35318-1220 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-35318-1220
部品情報  4.20mm (.165") Pitch Mini-Fit짰 Header
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX4 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-35318-1220 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-35318-1220 Datasheet HTML 1Page - Molex Electronics Ltd. SD-35318-1220 Datasheet HTML 2Page - Molex Electronics Ltd. SD-35318-1220 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0353181220
Status:
Active
Overview:
minifit_jr
Description:
4.20mm (.165") Pitch Mini-Fit® Header, Dual Row, Right Angle, 12 Circuits, PA
Polyamide (Nylon) 6/6 94V-2, White
Documents:
3D Model
Product Specification PS-35317-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
35318
Application
Wire-to-Board
Comments
Current = 13A max. per circuit when header is mated
to a receptacle loaded with 45750 Mini-Fit Plus HCS™
Crimp Terminal Crimpted to to 16 AWG wire. . See
Molex product specification PS-45750-001 for additional
current de-rating information.
Overview
minifit_jr
Product Name
Mini-Fit®
Physical
Breakaway
No
Circuits (Loaded)
12
Circuits (maximum)
12
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-2
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.157 In
PC Tail Length (mm)
4.00 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.165 In
Pitch - Mating Interface (mm)
4.20 mm
Plating min: Mating (µin)
200
Plating min: Mating (µm)
5
Plating min: Termination (µin)
200
Plating min: Termination (µm)
5
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35318Series
Mates With
5557 Mini-Fit Jr.™ Receptacle Housing


同様の部品番号 - SD-35318-1220

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-35318-0420 MOLEX4-SD-35318-0420 Datasheet
90Kb / 3P
   4.20mm (.165") Pitch Mini-Fit짰 Header
SD-35318-0421 MOLEX4-SD-35318-0421 Datasheet
90Kb / 3P
   4.20mm (.165") Pitch Mini-Fit짰 Header
SD-35318-2020 MOLEX4-SD-35318-2020 Datasheet
90Kb / 3P
   4.20mm (.165") Pitch Mini-Fit짰 Header
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com