データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA-631X データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 BA-631X
部品情報  Step Down Butt Splice for 14-22 AWG Wire Blue w/Red Stripe
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX4 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

BA-631X データシート(HTML) 1 Page - Molex Electronics Ltd.

  BA-631X Datasheet HTML 1Page - Molex Electronics Ltd. BA-631X Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191540022
Status:
Active
Description:
Step Down Butt Splice for 14-22 AWG Wire Blue w/Red Stripe
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Splices
Series
19154
Comments
Step down: 14/16 to 18/22 AWG . Blue w/Red Stripe
Crimp Quality Equipment
Yes
Mil-Spec
N/A
MolexKits
Yes
Product Name
Butt - Step Down
Physical
Barrel Type
Closed - Brazed
Color - Resin
Blue
Flammability
94V-0
Insulation
PVC
Material - Resin
PVC
Packaging Type
Bag
Temperature Range - Operating
-40°C to +105°C
Wire Insulation Diameter
4.45mm (.175") max
Wire Size AWG
14, 16, 18, 20, 22
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
BA-631X
Reference - Drawing Numbers
Sales Drawing
CD21001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19154Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640010100
Hand Crimp Tool
0640011400
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640051400
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - BA-631X

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
BA-631XT MOLEX4-BA-631XT Datasheet
69Kb / 3P
   Step Down Butt Splice for 16-14 AWG Wire Blue w/Red Stripe
More results

同様の説明 - BA-631X

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0191540057 MOLEX4-0191540057 Datasheet
69Kb / 3P
   Step Down Butt Splice for 16-14 AWG Wire Blue w/Red Stripe
0191540036 MOLEX4-0191540036 Datasheet
68Kb / 2P
   Step Down Butt Splice for 16-14 AWG Wire Yellow w/Blue Stripe
0191540047 MOLEX4-0191540047 Datasheet
69Kb / 2P
   Step Down Butt Splice for 6-8 AWG Wire Blue w/Red Stripe
0192150013 MOLEX4-0192150013 Datasheet
107Kb / 2P
   Step Down Butt Splice for 14-22 AWG Wire
0191540035 MOLEX4-0191540035 Datasheet
69Kb / 2P
   Step Down Butt Splice for 10-16 AWG Wire Yellow w/Blue Stripe
0191540044 MOLEX4-0191540044 Datasheet
69Kb / 2P
   Step Down Butt Splice for 8-12 AWG Wire Red w/Yellow Strip
0191640043 MOLEX4-0191640043 Datasheet
85Kb / 2P
   Perma-Seal??Step Down Butt Splice for 14-16 AWG to 18-22 AWG Wire
0192150042 MOLEX4-0192150042 Datasheet
108Kb / 3P
   Step Down Butt Splice for 6-8 AWG Wire
0192150023 MOLEX4-0192150023 Datasheet
107Kb / 2P
   Step Down Butt Splice for 10-16 AWG Wire
0192150037 MOLEX4-0192150037 Datasheet
108Kb / 3P
   Step Down Butt Splice for 8-12 AWG Wire
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com