データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA-2YCX データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SA-2YCX
部品情報  Perma-Seal??3-Way Connector Assembly for 18-22 AWG Wire
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX4 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SA-2YCX データシート(HTML) 1 Page - Molex Electronics Ltd.

  SA-2YCX Datasheet HTML 1Page - Molex Electronics Ltd. SA-2YCX Datasheet HTML 2Page - Molex Electronics Ltd. SA-2YCX Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191640011
Status:
Active
Description:
Perma-Seal™ 3-Way Connector Assembly for 18-22 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Splices
Series
19164
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
3 Way, Perma-Seal™
Physical
Barrel Type
Closed
Insulation
NiAc™
Material - Metal
Copper
Packaging Type
Bag
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
5.46mm (.215") max
Wire Size AWG
18, 20, 22
Wire Size mm²
0.38 - 0.96
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
SA-2YCX
Reference - Drawing Numbers
Sales Drawing
SD-19164-051, SD-19204-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19164Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Power Crimp Tool
Head for Prema-
Seal™ Terminals
10-22 AWG
0640057400
Hand Crimp Tool, UL
Approved
0640017400
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - SA-2YCX

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SA-221-08 MOLEX4-SA-221-08 Datasheet
101Kb / 2P
   Perma-Seal??Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 8
SA-221-08T MOLEX4-SA-221-08T Datasheet
102Kb / 3P
   Perma-Seal??Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 8, Mylar TapeCarrier
SA-221-10 MOLEX4-SA-221-10 Datasheet
101Kb / 2P
   Perma-Seal??Ring Tongue Terminal
SA-221-10T MOLEX4-SA-221-10T Datasheet
102Kb / 3P
   Perma-Seal??Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 10, Mylar TapeCarrier
SA-222-14 MOLEX4-SA-222-14 Datasheet
101Kb / 2P
   Perma-Seal??Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 1/4
More results

同様の説明 - SA-2YCX

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0191640042 MOLEX4-0191640042 Datasheet
129Kb / 3P
   Perma-Seal??3-Way Connector Assembly for 14-16 AWG Wire
0191640074 MOLEX4-0191640074 Datasheet
129Kb / 3P
   Perma-Seal??3-Way Connector Assembly for 10-12 AWG Wire
0191640013 MOLEX4-0191640013 Datasheet
106Kb / 2P
   Perma-Seal??Butt Splice for 18-22 AWG Wire
0191640807 MOLEX4-0191640807 Datasheet
85Kb / 2P
   Perma-Seal??Male Snap Plug for 18-22 AWG Wire
0191640005 MOLEX4-0191640005 Datasheet
101Kb / 2P
   Perma-Seal??Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 3/8
0191640014 MOLEX4-0191640014 Datasheet
109Kb / 3P
   Perma-Seal??Butt Splice for 18-22 AWG Wire, Mylar Tape Carrier
0191640007 MOLEX4-0191640007 Datasheet
76Kb / 2P
   Perma-Seal??Spade Tongue Terminal for 18-22 AWG Wire, Stud Size 8
0191640085 MOLEX4-0191640085 Datasheet
101Kb / 2P
   Perma-Seal??Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 6
0191640052 MOLEX4-0191640052 Datasheet
98Kb / 2P
   Perma-Seal??Snap Plug Receptacle for 18-22 AWG Wire, Diameter 3.96mm (.156")
0191640006 MOLEX4-0191640006 Datasheet
76Kb / 2P
   Perma-Seal??Spade Tongue Terminal for 18-22 AWG Wire, Stud Size 6
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com