データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB-289T データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SB-289T
部品情報  Perma-Seal??Male Snap Plug for 14-16 AWG Wire, Diameter 3.96mm (.156"), MylarTape Carrier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX4 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SB-289T データシート(HTML) 1 Page - Molex Electronics Ltd.

  SB-289T Datasheet HTML 1Page - Molex Electronics Ltd. SB-289T Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191640315
Status:
Active
Description:
Perma-Seal™ Male Snap Plug for 14-16 AWG Wire, Diameter 3.96mm (.156"), Mylar
Tape Carrier
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E152602
General
Product Family
Quick Disconnects
Series
19164
Crimp Quality Equipment
Yes
Product Name
Perma-Seal™
Type
Snap Plug
Physical
Barrel Type
Closed
Flammability
94V-2
Gender
Male
Glow-Wire Compliant
No
Insulation
NiAc™
Lock to Mating Part
None
Material - Metal
Copper
Orientation
Straight
Packaging Type
Adhesive Tape on Reel
Tab Thickness
N/A
Tab Width
N/A
Temperature Range - Operating
-55°C to +125°C
Wire Insulation Diameter
6.71mm (.264") max.
Wire Size AWG
14, 16
Wire Size mm²
1.00 - 2.50
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
SB-289T
Reference - Drawing Numbers
Sales Drawing
SD-19164-031
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19164Series
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - SB-289T

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SB-289 MOLEX4-SB-289 Datasheet
86Kb / 2P
   Perma-Seal??Male Snap Plug for 14-16 AWG Wire
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com