データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14555 データシート(PDF) 3 Page - Motorola, Inc

部品番号 MC14555
部品情報  PCM Codec-Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14555 データシート(HTML) 3 Page - Motorola, Inc

  MC14555 Datasheet HTML 1Page - Motorola, Inc MC14555 Datasheet HTML 2Page - Motorola, Inc MC14555 Datasheet HTML 3Page - Motorola, Inc MC14555 Datasheet HTML 4Page - Motorola, Inc MC14555 Datasheet HTML 5Page - Motorola, Inc MC14555 Datasheet HTML 6Page - Motorola, Inc MC14555 Datasheet HTML 7Page - Motorola, Inc MC14555 Datasheet HTML 8Page - Motorola, Inc MC14555 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MC145554
•MC145557•MC145564•MC145567
MOTOROLA
3
DEVICE DESCRIPTION
A codec–filter is used for digitizing and reconstructing the
human voice. These devices were developed primarily for
the telephone network to facilitate voice switching and trans-
mission. Once the voice is digitized, it may be switched by
digital switching methods or transmitted long distance (T1,
microwave, satellites, etc.) without degradation. The name
codec is an acronym from “COder” (for the A/D used to digi-
tize voice) and “DECoder” (for the D/A used for reconstruct-
ing voice). A codec is a single device that does both the A/D
and D/A conversions.
To digitize intelligible voice requires a signal–to–distortion
ratio of about 30 dB over a dynamic range of about 40 dB.
This can be accomplished with a linear 13–bit A/D and D/A,
but will far exceed the required signal–to–distortion ratio at
amplitudes greater than 40 dB below the peak amplitude.
This excess performance is at the expense of data per sam-
ple. Methods of data reduction are implemented by com-
pressing the 13–bit linear scheme to companded 8–bit
schemes. There are two companding schemes used:
Mu–255 Law specifically in North America, and A–Law
specifically in Europe. These companding schemes are
accepted world wide. These companding schemes follow a
segmented or “piecewise–linear” curve formatted as sign bit,
three chord bits, and four step bits. For a given chord, all six-
teen of the steps have the same voltage weighting. As the
voltage of the analog input increases, the four step bits incre-
ment and carry to the three chord bits which increment.
When the chord bits increment, the step bits double their
voltage weighting. This results in an effective resolution of six
bits (sign + chord + four step bits) across a 42 dB dynamic
range (seven chords above zero, by 6 dB per chord).
Tables 3 and 4 show the linear quantization levels to PCM
words for the two companding schemes.
In a sampling environment, Nyquist theory says that to
properly sample a continuous signal, it must be sampled at a
frequency higher than twice the signal’s highest frequency
component. Voice contains spectral energy above 3 kHz, but
its absence is not detrimental to intelligibility. To reduce the
digital data rate, which is proportional to the sampling rate, a
sample rate of 8 kHz was adopted, consistent with a band-
width of 3 kHz. This sampling requires a low–pass filter to
limit the high frequency energy above 3 kHz from distorting
the in–band signal. The telephone line is also subject to
50/60 Hz power line coupling, which must be attenuated from
the signal by a high–pass filter before the A/D converter.
The D/A process reconstructs a staircase version of the
desired in–band signal, which has spectral images of the in–
band signal modulated about the sample frequency and its
harmonics. These spectral images, called aliasing compo-
nents, need to be attenuated to obtain the desired signal.
The low–pass filter used to attenuate these aliasing compo-
nents is typically called a reconstruction or smoothing filter.
The MC145554/57/64/67 PCM Codec–Filters have the
codec, both presampling and reconstruction filters, and a
precision voltage reference on–chip, and require no external
components.
PIN DESCRIPTION
DIGITAL
FSR
Receive Frame Sync
This is an 8 kHz enable that must be synchronous with
BCLKR. Following a rising FSR edge, a serial PCM word at
DR is clocked by BCLKR into the receive data register. FSR
also initiates a decode on the previous PCM word. In the ab-
sence of FSX, the length of the FSR pulse is used to deter-
mine whether the I/O conforms to the Short Frame Sync or
Long Frame Sync convention.
DR
Receive Digital Data Input
BCLKR/CLKSEL
Receive Data Clock and Master Clock Frequency
Selector
If this input is a clock, it must be between 128 kHz and
4.096 MHz, and synchronous with FSR. In synchronous
applications this pin may be held at a constant level; then
BCLKX is used as the data clock for both the transmit and
receive sides, and this pin selects the assumed frequency of
the master clock (see Table 1 in Functional Description).
MCLKR/PDN
Receive Master Clock and Power–Down Control
Because of the shared DAC architecture used on these
devices, only one master clock is needed. Whenever FSX is
clocking, MCLKX is used to derive all internal clocks, and the
MCLKR/PDN pin merely serves as a power–down control. If
MCLKR/PDN pin is held low or is clocked (and at least one
of the frame syncs is present), the part is powered up. If this
pin is held high, the part is powered down. If FSX is absent
but FSR is still clocking, the device goes into receive half–
channel mode, and MCLKR (if clocking) generates the
internal clocks.
MCLKX
Transmit Master Clock
This clock is used to derive the internal sequencing clocks;
it must be 1.536 MHz, 1.544 MHz, or 2.048 MHz.
BCLKX
Transmit Data Clock
BCLKX may be any frequency between 128 kHz and
4.096 MHz, but it should be synchronous with MCLKX.
DX
Transmit Digital Data Output
This output is controlled by FSX and BCLKX to output the
PCM data word; otherwise this pin is in a high–impedance
state.
FSX
Transmit Frame Sync
This is an 8 kHz enable that must be synchronous with
BCLKX. A rising FSX edge initiates the transmission of a


同様の部品番号 - MC14555

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC14555 MOTOROLA-MC14555 Datasheet
164Kb / 5P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC14555 ONSEMI-MC14555 Datasheet
142Kb / 8P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
March, 2000 ??Rev. 3
logo
LANSDALE Semiconductor ...
MC145554DW LANSDALE-MC145554DW Datasheet
1Mb / 18P
   PCM Codec-Filter
MC145554DW LANSDALE-MC145554DW Datasheet
284Kb / 18P
   PCM Codec-Filter
MC145554P LANSDALE-MC145554P Datasheet
1Mb / 18P
   PCM Codec-Filter
More results

同様の説明 - MC14555

メーカー部品番号データシート部品情報
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com