データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-44520-001 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-44520-001
部品情報  Modular Jack, Right Angle, Shielded, Stacked, 8/8, 8 Ports
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX6 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-44520-001 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-44520-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-44520-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-44520-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-44520-001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0445200001
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jack, Right Angle, Shielded, Stacked, 8/8, 8 Ports
Documents:
3D Model
Product Specification PS-44050-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification (PDF)
Agency Certification
CSA
LR19980
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
44520
Comments
High Speed|Multi-Port
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
5
Power over Ethernet (PoE)
N/A
Product Name
RJ45
Physical
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
Yes
Lightpipes/LEDs
None
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Orientation
Right Angle (Side Entry)
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Plating min: Mating (µin)
50
Plating min: Mating (µm)
1.25
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Ports
8
Positions / Loaded Contacts
8/8
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +80°C
Termination Interface: Style
Through Hole
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
1.5A
Shielded
Yes
Voltage - Maximum
125V
Solder Process Data
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44520Series
Mates With
FCC 68 Plugs


同様の部品番号 - SD-44520-001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-44520-001 MOLEX6-SD-44520-001 Datasheet
324Kb / 4P
   Modular Jack, Right Angle, Shielded, Stacked, 8/8, 12 Ports
SD-44520-001 MOLEX6-SD-44520-001 Datasheet
324Kb / 4P
   Modular Jack, Right Angle, Shielded, Stacked, 8/8, 16 Ports
More results

同様の説明 - SD-44520-001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0445200001 MOLEX1-0445200001_17 Datasheet
36Kb / 2P
   Modular Jack, Right Angle, Shielded, Stacked, 8/8, 8 Ports
0445200004 MOLEX1-0445200004_18 Datasheet
36Kb / 2P
   Modular Jack, Right Angle, Shielded, Stacked, 8/8, 8 Ports
0445200004 MOLEX6-0445200004 Datasheet
324Kb / 4P
   Modular Jack, Right Angle, Shielded, Stacked, 8/8, 8 Ports
0441700001 MOLEX6-0441700001 Datasheet
364Kb / 4P
   Modular Jack, Right Angle, Shielded, Lightpipes, Stacked, 8/8, 8 Ports
0441700004 MOLEX6-0441700004 Datasheet
364Kb / 4P
   Modular Jack, Right Angle, Shielded, Lightpipes, Stacked, 8/8, 8 Ports
0445200002 MOLEX1-0445200002_17 Datasheet
36Kb / 2P
   Modular Jack, Right Angle, Shielded, Stacked, 8/8, 12 Ports
0445200006 MOLEX6-0445200006 Datasheet
324Kb / 4P
   Modular Jack, Right Angle, Shielded, Stacked, 8/8, 16 Ports
0445200003 MOLEX6-0445200003 Datasheet
324Kb / 4P
   Modular Jack, Right Angle, Shielded, Stacked, 8/8, 16 Ports
0445200005 MOLEX6-0445200005 Datasheet
324Kb / 4P
   Modular Jack, Right Angle, Shielded, Stacked, 8/8, 12 Ports
0445200005 MOLEX1-0445200005_18 Datasheet
36Kb / 2P
   Modular Jack, Right Angle, Shielded, Stacked, 8/8, 12 Ports
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com