データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-44380-001 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-44380-001
部品情報  Modular Jack, Right Angle, Low Profile, Inverted
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX6 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-44380-001 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-44380-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-44380-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-44380-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-44380-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-44380-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-44380-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-44380-001 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0443800015
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jack, Right Angle, Low Profile, Inverted, 6/4, Shielded, with Offset Panel
Grounding Tabs
Documents:
3D Model
Drawing (PDF)
Packaging Specification (PDF)
Product Specification PS-43860-003 (PDF)
Application Specification (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
44380
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Literature Order No
USA-154
Product Name
RJ11
Physical
Boot Color
N/A
Color - Resin
Black
Durability (mating cycles max)
500
Inverted / Top Latch
Yes
Lightpipes/LEDs
None
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Orientation
Right Angle (Side Entry)
PCB Locator
Yes
PCB Retention
None
PCB Thickness Recommended (in)
0.039 In
PCB Thickness Recommended (mm)
1.00 mm
Packaging Type
Tray
Panel Mount
Without Flange
Pitch - Mating Interface (in)
0.040 In
Pitch - Mating Interface (mm)
1.02 mm
Pitch - Term. Interface (in)
0.040 In
Pitch - Term. Interface (mm)
1.02 mm
Plating min: Mating (µin)
50
Plating min: Mating (µm)
1.25
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Ports
1
Positions / Loaded Contacts
6/4
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44380Series
Mates With
FCC 68 Plugs


同様の部品番号 - SD-44380-001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-44380-001 MOLEX6-SD-44380-001 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, Shielded
SD-44380-001 MOLEX6-SD-44380-001 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, Unshielded
SD-44380-001 MOLEX6-SD-44380-001 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, Shielded, with All Panel Grounding Tabs
SD-44380-001 MOLEX6-SD-44380-001 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, Unshielded
SD-44380-001 MOLEX6-SD-44380-001 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, Shielded, with All Panel Grounding Tabs
More results

同様の説明 - SD-44380-001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0481460001 MOLEX6-0481460001 Datasheet
132Kb / 3P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded
0438600025 MOLEX6-0438600025 Datasheet
669Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded
0446200001 MOLEX6-0446200001 Datasheet
545Kb / 6P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
0446201005 MOLEX6-0446201005 Datasheet
545Kb / 6P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
0446201004 MOLEX6-0446201004 Datasheet
545Kb / 6P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
0443801016 MOLEX6-0443801016 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
0446200002 MOLEX6-0446200002 Datasheet
545Kb / 6P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
0438600001 MOLEX6-0438600001 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
0438600002 MOLEX6-0438600002 Datasheet
666Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6
0443801010 MOLEX6-0443801010 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com