データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KM4132G271A データシート(PDF) 10 Page - Samsung semiconductor

部品番号 KM4132G271A
部品情報  128K x 32Bit x 2 Banks Synchronous Graphic RAM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM4132G271A データシート(HTML) 10 Page - Samsung semiconductor

Back Button KM4132G271A Datasheet HTML 6Page - Samsung semiconductor KM4132G271A Datasheet HTML 7Page - Samsung semiconductor KM4132G271A Datasheet HTML 8Page - Samsung semiconductor KM4132G271A Datasheet HTML 9Page - Samsung semiconductor KM4132G271A Datasheet HTML 10Page - Samsung semiconductor KM4132G271A Datasheet HTML 11Page - Samsung semiconductor KM4132G271A Datasheet HTML 12Page - Samsung semiconductor KM4132G271A Datasheet HTML 13Page - Samsung semiconductor KM4132G271A Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
KM4132G271A
CMOS SGRAM
Rev.0 (August 1997)
SGRAM vs SDRAM
If DSF is low, SGRAM functionality is identical to SDRAM functionality.
SGRAM can be used as an unified memory by the appropriate DSF control
--> SGRAM=Graphic Memory + Main Memory
SDRAM Function
MRS
Bank Active
Write
DSF
L
H
L
H
L
H
SGRAM
Function
MRS
SMRS
Bank Active
with
Write per bit
Disable
Bank Active
with
Write per bit
Enable
Normal
Write
Block
Write
3. Auto refresh functions as same as CBR refresh of DRAM.
The automatical precharge without Row precharge command is meant by "Auto".
Auto/Self refresh can be issued only at both precharge state.
4. A9 : Bank select address.
If "Low" at read, (block) write, Row active and precharge, bank A is selected.
If "High" at read, (block) write, Row active and precharge, bank B is selected.
If A8 is "High" at Row precharge, A9 is ignored and both banks are selected.
5. It is determined at Row active cycle.
whether Normal/Block write operates in write per bit mode or not.
For A bank write, at A bank Row active, for B bank write, at B bank Row active.
Terminology : Write per bit =I/O mask
(Block) Write with write per bit mode=Masked(Block) Write
6. During burst read or write with auto precharge, new read/(block) write command cannot be issued.
Another bank read/(block) write command can be issued at
tRP after the end of burst.
7. Burst stop command is valid only at full page burst length.
8. DQM sampled at positive going edge of a CLK.
masks the data-in at the very CLK(Write DQM latency is 0)
but makes Hi-Z state the data-out of 2 CLK cycles after.(Read DQM latency is 2)
9. Graphic features added to SDRAM's original features.
If DSF is tied to low, graphic functions are disabled and chip operates as a 8M SDRAM with 32 DQ's.
SIMPLIFIED TRUTH TABLE


同様の部品番号 - KM4132G271A

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KM4132G271B SAMSUNG-KM4132G271B Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
KM4132G271BQR-10 SAMSUNG-KM4132G271BQR-10 Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
KM4132G271BQR-7 SAMSUNG-KM4132G271BQR-7 Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
KM4132G271BQR-8 SAMSUNG-KM4132G271BQR-8 Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
KM4132G271BTQR-10 SAMSUNG-KM4132G271BTQR-10 Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
More results

同様の説明 - KM4132G271A

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KM4132G271B SAMSUNG-KM4132G271B Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
K4G323222M SAMSUNG-K4G323222M Datasheet
1Mb / 48P
   512K x 32Bit x 2 Banks Synchronous Graphic RAM
logo
List of Unclassifed Man...
M32L32321SA ETC1-M32L32321SA Datasheet
989Kb / 54P
   512K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
AMIC Technology
A45L9332A AMICC-A45L9332A Datasheet
1Mb / 55P
   256K X 32 Bit X 2 Banks Synchronous Graphic RAM
logo
List of Unclassifed Man...
M32L1632512A ETC1-M32L1632512A Datasheet
879Kb / 54P
   256K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
AMIC Technology
A43L8316 AMICC-A43L8316 Datasheet
1Mb / 45P
   128K X 16 Bit X 2 Banks Synchronous DRAM
A43L8316A AMICC-A43L8316A Datasheet
1,008Kb / 45P
   128K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V643220CT HYNIX-HY57V643220CT Datasheet
183Kb / 12P
   4 Banks x 512K x 32Bit Synchronous DRAM
HY57V283220T HYNIX-HY57V283220T Datasheet
913Kb / 15P
   4 Banks x 1M x 32Bit Synchronous DRAM
HY5V62CF HYNIX-HY5V62CF Datasheet
353Kb / 11P
   4 Banks x 512K x 32Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com