データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KM4132G271A-12 データシート(PDF) 7 Page - Samsung semiconductor

部品番号 KM4132G271A-12
部品情報  128K x 32Bit x 2 Banks Synchronous Graphic RAM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM4132G271A-12 データシート(HTML) 7 Page - Samsung semiconductor

Back Button KM4132G271A-12 Datasheet HTML 3Page - Samsung semiconductor KM4132G271A-12 Datasheet HTML 4Page - Samsung semiconductor KM4132G271A-12 Datasheet HTML 5Page - Samsung semiconductor KM4132G271A-12 Datasheet HTML 6Page - Samsung semiconductor KM4132G271A-12 Datasheet HTML 7Page - Samsung semiconductor KM4132G271A-12 Datasheet HTML 8Page - Samsung semiconductor KM4132G271A-12 Datasheet HTML 9Page - Samsung semiconductor KM4132G271A-12 Datasheet HTML 10Page - Samsung semiconductor KM4132G271A-12 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
KM4132G271A
CMOS SGRAM
Rev.0 (August 1997)
OPERATING AC PARAMETER
(AC operating conditions unless otherwise noted)
Parameter
Symbol
Version
Unit
Note
-8
-10
-12
Row active to row active delay
tRRD(min)
16
20
24
ns
1
RAS to CAS delay
tRCD(min)
16
20
24
ns
1
Row precharge time
tRP(min)
24
26
30
ns
1
Row active time
tRAS(min)
48
50
60
ns
1
tRAS(max)
100
us
Row cycle time
tRC(min)
80
80
90
ns
1
Last data in to new col. address delay
tCDL(min)
1
CLK
2
Last data in to row precharge
tRDL(min)
1
CLK
2
Block write data-in to PRE command delay
tBPL(min)
16
20
24
ns
Block write data-in to Active(REF)
command period(Auto precharge)
tBAL(min)
40
46
54
ns
Last data in to burst stop
tBDL(min)
1
CLK
2
Col. address to col. address delay
tCCD(min)
1
CLK
3
Block write cycle time
tBWC(min)
16
20
24
ns
1, 4
Number of valid output data
CAS Latency=3
2
CLK
5
CAS Latency=2
1
1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time and then
rounding off to the next higher integer.
2. Minimum delay is required to complete write.
3. All parts allow every cycle column address change except block write cycle.
4. This parameter means minimum CAS to CAS delay at block write cycle only.
5. In case of row precharge interrupt, auto precharge and read burst stop.
Note :


同様の部品番号 - KM4132G271A-12

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KM4132G271B SAMSUNG-KM4132G271B Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
KM4132G271BQR-10 SAMSUNG-KM4132G271BQR-10 Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
KM4132G271BQR-7 SAMSUNG-KM4132G271BQR-7 Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
KM4132G271BQR-8 SAMSUNG-KM4132G271BQR-8 Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
KM4132G271BTQR-10 SAMSUNG-KM4132G271BTQR-10 Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
More results

同様の説明 - KM4132G271A-12

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KM4132G271B SAMSUNG-KM4132G271B Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
K4G323222M SAMSUNG-K4G323222M Datasheet
1Mb / 48P
   512K x 32Bit x 2 Banks Synchronous Graphic RAM
logo
List of Unclassifed Man...
M32L32321SA ETC1-M32L32321SA Datasheet
989Kb / 54P
   512K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
AMIC Technology
A45L9332A AMICC-A45L9332A Datasheet
1Mb / 55P
   256K X 32 Bit X 2 Banks Synchronous Graphic RAM
logo
List of Unclassifed Man...
M32L1632512A ETC1-M32L1632512A Datasheet
879Kb / 54P
   256K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
AMIC Technology
A43L8316 AMICC-A43L8316 Datasheet
1Mb / 45P
   128K X 16 Bit X 2 Banks Synchronous DRAM
A43L8316A AMICC-A43L8316A Datasheet
1,008Kb / 45P
   128K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V643220CT HYNIX-HY57V643220CT Datasheet
183Kb / 12P
   4 Banks x 512K x 32Bit Synchronous DRAM
HY57V283220T HYNIX-HY57V283220T Datasheet
913Kb / 15P
   4 Banks x 1M x 32Bit Synchronous DRAM
HY5V62CF HYNIX-HY5V62CF Datasheet
353Kb / 11P
   4 Banks x 512K x 32Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com