データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KM4132G271BTQR-7 データシート(PDF) 2 Page - Samsung semiconductor

部品番号 KM4132G271BTQR-7
部品情報  128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM4132G271BTQR-7 データシート(HTML) 2 Page - Samsung semiconductor

  KM4132G271BTQR-7 Datasheet HTML 1Page - Samsung semiconductor KM4132G271BTQR-7 Datasheet HTML 2Page - Samsung semiconductor KM4132G271BTQR-7 Datasheet HTML 3Page - Samsung semiconductor KM4132G271BTQR-7 Datasheet HTML 4Page - Samsung semiconductor KM4132G271BTQR-7 Datasheet HTML 5Page - Samsung semiconductor KM4132G271BTQR-7 Datasheet HTML 6Page - Samsung semiconductor KM4132G271BTQR-7 Datasheet HTML 7Page - Samsung semiconductor KM4132G271BTQR-7 Datasheet HTML 8Page - Samsung semiconductor KM4132G271BTQR-7 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
KM4132G271B
CMOS SGRAM
- 2 -
Rev. 2.4 (May 1998)
Revision History
Revision 2.4 (May 1998)
• Added KM4132G271B-7 product(143MHz @ CL =3).
Revision 2.3 (March 1998)
• Added Reverse Type Package in ODERING INFORMATION and PIN CONFIGURATION.
• Removed KM4132G271B-H/12 product(-H : 100MHz @ CL =2, -12 : 83MHz @ CL=3).
• Changed the Current values of ICC1, ICC3N, ICC4, ICC5, ICC6, ICC7 in
DC CHARACTERISTICS.
• Changed tSAC from 6 to 6.5 @ 125MHz, tSS from 2 to 2.5 @ 125MHz in
AC PARAMETER .
• Delete a page including FREQUENCY vs. AC PARAMETER RELATIONSHIP TABLE.
Revision 2.1 (November 1997)
Changed the Height of TQFP Package from 1.4mmMAX to 1.2mmMax in
PACKAGE DIMENSIONS.
Revision 2.0 (October 1997)
Added -H binning(100MHz @ CL =2 ).
Changed some values in DC CHARACTERISTICS.
Changed some values in AC PARAMETER (tSAC / tOH / tSHZ / tRP / tRC / tBPL / tBWC etc.).
Removed a AC Parameter, tBAL(Block write data-in to Active command period) in
AC PARAMETER .
Changed some values in FREQUENCY vs. AC PARAMETER RELATIONSHIP TABLE.
Added the Package Type description(PQFP, TQFP) in
PACKAGE DIMENSIONS.


同様の部品番号 - KM4132G271BTQR-7

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KM4132G271A SAMSUNG-KM4132G271A Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271A-10 SAMSUNG-KM4132G271A-10 Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271A-12 SAMSUNG-KM4132G271A-12 Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271A-8 SAMSUNG-KM4132G271A-8 Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271AQ-10 SAMSUNG-KM4132G271AQ-10 Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
More results

同様の説明 - KM4132G271BTQR-7

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KM4132G271A SAMSUNG-KM4132G271A Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
K4G323222M SAMSUNG-K4G323222M Datasheet
1Mb / 48P
   512K x 32Bit x 2 Banks Synchronous Graphic RAM
logo
List of Unclassifed Man...
M32L32321SA ETC1-M32L32321SA Datasheet
989Kb / 54P
   512K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
AMIC Technology
A45L9332A AMICC-A45L9332A Datasheet
1Mb / 55P
   256K X 32 Bit X 2 Banks Synchronous Graphic RAM
logo
List of Unclassifed Man...
M32L1632512A ETC1-M32L1632512A Datasheet
879Kb / 54P
   256K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
Samsung semiconductor
K4S643232F SAMSUNG-K4S643232F Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E-TI SAMSUNG-K4S643232E-TI Datasheet
100Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232C SAMSUNG-K4S643232C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E SAMSUNG-K4S643232E Datasheet
102Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
KM432S2030C SAMSUNG-KM432S2030C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com