データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KM416C256D データシート(PDF) 4 Page - Samsung semiconductor

部品番号 KM416C256D
部品情報  256K x 16Bit CMOS Dynamic RAM with Fast Page Mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416C256D データシート(HTML) 4 Page - Samsung semiconductor

  KM416C256D Datasheet HTML 1Page - Samsung semiconductor KM416C256D Datasheet HTML 2Page - Samsung semiconductor KM416C256D Datasheet HTML 3Page - Samsung semiconductor KM416C256D Datasheet HTML 4Page - Samsung semiconductor KM416C256D Datasheet HTML 5Page - Samsung semiconductor KM416C256D Datasheet HTML 6Page - Samsung semiconductor KM416C256D Datasheet HTML 7Page - Samsung semiconductor KM416C256D Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
KM416C256D, KM416V256D
CMOS DRAM
*Note : ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open.
ICC is specified as an average current. In ICC1, ICC3, ICC6 and ICC7, address can be changed maximum once while RAS=VIL. In
ICC4, address can be changed maximum once within one fast page mode cycle time, tPC.
DC AND OPERATING CHARACTERISTICS (Continued)
ICC1* : Operating Current (RAS and UCAS, LCAS, Address cycling @tRC=min.)
ICC2 : Standby Current (RAS=UCAS=LCAS=W=VIH)
ICC3* : RAS-only Refresh Current (UCAS=LCAS=VIH, RAS, Address cycling @tRC=min.)
ICC4* : Fast Page Mode Current (RAS=VIL, UCAS or LCAS, Address cycling @tPC=min.)
ICC5 : Standby Current (RAS=UCAS=LCAS=W=VCC-0.2V)
ICC6* : CAS-Before-RAS Refresh Current (RAS and UCAS or LCAS cycling @tRC=min.)
ICC7 : Battery back-up current, Average power supply current, Battery back-up mode
Input high voltage(VIH)=VCC-0.2V, Input low voltage(VIL)=0.2V, UCAS, LCAS=0.2V,
Din=Don't care, TRC=125us, TRAS=TRASmin~300ns
ICCS : Self Refresh Current
RAS=UCAS=LCAS=VIL, W=OE=A0 ~ A8=VCC-0.2V or 0.2V,
DQ0 ~ DQ15=VCC-0.2V, 0.2V or Open
Symbol
Power
Speed
Max
Units
KM416V254D
KM416C254D
ICC1
Don't care
-5
-6
-7
-
90
80
110
90
80
mA
mA
mA
ICC2
Don't care
Don't care
1
2
mA
ICC3
Don't care
-5
-6
-7
-
90
80
110
90
80
mA
mA
mA
ICC4
Don't care
-5
-6
-7
-
60
55
70
60
55
mA
mA
mA
ICC5
Normal
L
Don't care
0.5
100
1
150
mA
uA
ICC6
Don't care
-5
-6
-7
-
90
80
110
90
80
mA
mA
mA
ICC7
L
Don't care
200
300
uA
ICCS
L
Don't care
100
200
uA


同様の部品番号 - KM416C256D

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
KM416C256ALJ-7 ETC2-KM416C256ALJ-7 Datasheet
27Kb / 2P
   C-MOS 4M (256K X 16)-BIT DYNAMIC RAM WITH FAST PAGE MODE
More results

同様の説明 - KM416C256D

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612D SAMSUNG-K4F661612D Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
K4F661612E SAMSUNG-K4F661612E Datasheet
386Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000C SAMSUNG-KM416V4000C Datasheet
88Kb / 9P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F171611D SAMSUNG-K4F171611D Datasheet
528Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000B SAMSUNG-KM416C1000B Datasheet
84Kb / 8P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000B SAMSUNG-KM416C4000B Datasheet
826Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000C SAMSUNG-KM416C4000C Datasheet
901Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612C SAMSUNG-K4F661612C Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com