データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KM416C12CT-L6 データシート(PDF) 6 Page - Samsung semiconductor

部品番号 KM416C12CT-L6
部品情報  1M x 16Bit CMOS Dynamic RAM with Extended Data Out
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416C12CT-L6 データシート(HTML) 6 Page - Samsung semiconductor

Back Button KM416C12CT-L6 Datasheet HTML 2Page - Samsung semiconductor KM416C12CT-L6 Datasheet HTML 3Page - Samsung semiconductor KM416C12CT-L6 Datasheet HTML 4Page - Samsung semiconductor KM416C12CT-L6 Datasheet HTML 5Page - Samsung semiconductor KM416C12CT-L6 Datasheet HTML 6Page - Samsung semiconductor KM416C12CT-L6 Datasheet HTML 7Page - Samsung semiconductor KM416C12CT-L6 Datasheet HTML 8Page - Samsung semiconductor KM416C12CT-L6 Datasheet HTML 9Page - Samsung semiconductor KM416C12CT-L6 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
KM416C1004C, KM416C1204C
CMOS DRAM
KM416V1004C, KM416V1204C
AC CHARACTERISTICS (Continued)
Parameter
Symbol
-45
-5
-6
Units
Notes
Min
Max
Min
Max
Min
Max
Data set-up time
tDS
0
0
0
ns
9,17
Data hold time
tDH
7
8
10
ns
9,17
Refresh period (1K, Normal)
tREF
16
16
16
ms
Refresh period (4K, Normal)
tREF
64
64
64
ms
Refresh period (L-ver)
tREF
128
128
128
ms
Write command set-up time
tWCS
0
0
0
ns
7
CAS to W delay time
tCWD
28
32
36
ns
7,13
RAS to W delay time
tRWD
59
67
79
ns
7
Column address W delay time
tAWD
37
42
49
ns
7
CAS precharge to W delay time
tCPWD
39
47
54
ns
7
CAS set-up time (CAS -before-RAS refresh)
tCSR
5
5
5
ns
15
CAS hold time (CAS -before-RAS refresh)
tCHR
10
10
10
ns
16
RAS to CAS precharge time
tRPC
5
5
5
ns
Access time from CAS precharge
tCPA
25
28
35
ns
3
Hyper Page mode cycle time
tHPC
18
20
25
ns
18
Hyper Page read-modify-write cycle time
tHPRWC
39
47
56
ns
18
CAS precharge time (Hyper Page cycle)
tCP
7
8
10
ns
12
RAS pulse width (Hyper Page cycle)
tRASP
45
200K
50
200K
60
200K
ns
RAS hold time from CAS precharge
tRHCP
27
30
35
ns
OE access time
tOEA
13
13
15
ns
3
OE to data delay
tOED
10
13
15
ns
Output buffer turn off delay time from OE
tOEZ
3
13
3
13
3
15
ns
6
OE command hold time
tOEH
10
13
15
ns
Output data hold time
tDOH
4
5
5
ns
Output buffer turn off delay from RAS
tREZ
3
13
3
13
3
15
ns
6,19
Output buffer turn off delay from W
tWEZ
3
13
3
13
3
15
ns
6
W to data delay
tWED
15
15
15
ns
OE to CAS hold time
tOCH
5
5
5
ns
CAS hold time to OE
tCHO
5
5
5
ns
OE precharge time
tOEP
5
5
5
ns
W pulse width (Hyper Page Cycle)
tWPE
5
5
5
ns
RAS pulse width (C-B-R self refresh)
tRASS
100
100
100
us
20,21,22
RAS precharge time (C-B-R self refresh)
tRPS
79
90
110
ns
20,21,22
CAS hold time (C-B-R self refresh)
tCHS
-50
-50
-50
ns
20,21,22


同様の部品番号 - KM416C12CT-L6

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KM416C1200B SAMSUNG-KM416C1200B Datasheet
84Kb / 8P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416C1200C SAMSUNG-KM416C1200C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results

同様の説明 - KM416C12CT-L6

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
K4E171611D SAMSUNG-K4E171611D Datasheet
553Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416V4004C SAMSUNG-KM416V4004C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V1204BJ SAMSUNG-KM416V1204BJ Datasheet
2Mb / 31P
   1M x 16BIT CMOS DYNAMIT RAM WITH EXTENDED DATA OUT
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612B SAMSUNG-K4E661612B Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V4004B SAMSUNG-KM416V4004B Datasheet
806Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661611D SAMSUNG-K4E661611D Datasheet
882Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C4004C SAMSUNG-KM416C4004C Datasheet
946Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V1004A SAMSUNG-KM416V1004A Datasheet
1Mb / 35P
   1M x 16 BIT CMOS DYNAMIC RAM WITH EXTENDED DATA OUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com