データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KS88C2064 データシート(PDF) 5 Page - Samsung semiconductor

部品番号 KS88C2064
部品情報  KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS88C2064 データシート(HTML) 5 Page - Samsung semiconductor

  KS88C2064 Datasheet HTML 1Page - Samsung semiconductor KS88C2064 Datasheet HTML 2Page - Samsung semiconductor KS88C2064 Datasheet HTML 3Page - Samsung semiconductor KS88C2064 Datasheet HTML 4Page - Samsung semiconductor KS88C2064 Datasheet HTML 5Page - Samsung semiconductor KS88C2064 Datasheet HTML 6Page - Samsung semiconductor KS88C2064 Datasheet HTML 7Page - Samsung semiconductor KS88C2064 Datasheet HTML 8Page - Samsung semiconductor KS88C2064 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
KS88C2064
PRODUCT OVERVIEW
1-5
PIN DESCRIPTIONS
Table 1-1. Pin Descriptions
Pin
Names
Pin
Type
Pin
Description
Circuit
Type
Pin No.
Shared
Functions
P0.0–P0.7
I/O
I/O port with nibble-programmable pins;
schmitt trigger input or push-pull, open-drain
output and software assignable pull-up; also
configurable as external interface address lines
A8–A15.
3
35–28
A8–A15
P1.0–P1.7
I/O
Same general characteristics as port 0; also
configurable as external interface address/data
lines AD0–AD7.
3
43–36
AD0–AD7
P2.0–P2.3
I/O
I/O port with bit-programmable pins; schmitt
trigger input or push-pull output and software
assignable pull-ups. Lower nibble pins 0–3 are
configurable for external interface signals.
5
52–55
AS
, DW, DR,
DM
P2.4–P2.7
I/O
P2.4/capture input, interval/PWM output (T0)
P2.5/timer 0 clock input (T0CK)
P2.6/system clock output (CLO)
P2.7/buzzer signal output (BUZ)
6
56–59
T0, T0CK,
CLO, BUZ
P3.0–P3.7
I/O
I/O port with bit-programmable pins; schmitt
trigger input or push-pull output and software
assignable pull-up; P3.0–P3.7 are alternately
used for external interrupt input (noise filters,
interrupt enable and pending control);
P3.0/timer B clock output (TB)/INT0
P3.1/timer 1/A clock output (TA)/INT1
P3.2/timer 1/A clock input (T1CK)/INT2
4
44–51
TB/INT0,
TA/INT1,
T1CK/INT2,
INT3–INT7
T1CK
I/O
Timer A external clock input pins.
4
46
P3.2/INT2
TB
TA
I/O
Timer B and 1/A clock output pins.
4
44
45
P3.0/INT0
P3.1/INT1
AS
, DW, DR,
DM
I/O
Output pins for external interface control
signals.
AS
: address strobe
DW
: data memory write
DR
: data memory read
DM
: data memory select
5
52–55
P2.0–P2.3
T0
I/O
Capture input or interval/PWM output.
6
56
P2.4
T0CK
I/O
Timer 0 clock input.
6
57
P2.5


同様の部品番号 - KS88C2064

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KS88C2148 SAMSUNG-KS88C2148 Datasheet
300Kb / 34P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C2416 SAMSUNG-KS88C2416 Datasheet
208Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C2432 SAMSUNG-KS88C2432 Datasheet
208Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
More results

同様の説明 - KS88C2064

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KS88C2148 SAMSUNG-KS88C2148 Datasheet
300Kb / 34P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C2416 SAMSUNG-KS88C2416 Datasheet
208Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C0916 SAMSUNG-KS88C0916 Datasheet
379Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01016 SAMSUNG-KS88C01016 Datasheet
117Kb / 18P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01416 SAMSUNG-KS88C01416 Datasheet
291Kb / 34P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals and various mask-progra
KS88C6108 SAMSUNG-KS88C6108 Datasheet
260Kb / 26P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS86C6308 SAMSUNG-KS86C6308 Datasheet
193Kb / 28P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-
KS88C0716 SAMSUNG-KS88C0716 Datasheet
229Kb / 30P
   SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-prog
KS86C4004 SAMSUNG-KS86C4004 Datasheet
250Kb / 34P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS86C6404 SAMSUNG-KS86C6404 Datasheet
193Kb / 28P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com