データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-44281-001 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-44281-001
部品情報  4.20mm (.165") Pitch Mini-Fit Test Plug, Dual Row, 6 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX6 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-44281-001 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-44281-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-44281-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-44281-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0442810002
Status:
Active
Description:
4.20mm (.165") Pitch Mini-Fit® Test Plug, Dual Row, 6 Circuits
Documents:
3D Model
Product Specification PS-44281-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
44281
Application
Board-to-Board, Wire-to-Board
Product Literature Order No
USA-053
Product Name
Mini-Fit®
Physical
Breakaway
No
Circuits (Loaded)
6
Circuits (maximum)
6
Durability (mating cycles max)
10,000
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Plating Mating
Gold
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.250 In
PC Tail Length (mm)
6.35 mm
PCB Locator
No
PCB Retention
None
Packaging Type
Bag
Pitch - Mating Interface (in)
0.165 In
Pitch - Mating Interface (mm)
4.20 mm
Pitch - Term. Interface (in)
0.165 In
Pitch - Term. Interface (mm)
4.20 mm
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2.5A
Voltage - Maximum
600V
Material Info
Reference - Drawing Numbers
Product Specification
PS-44281-001
Sales Drawing
SD-44281-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44281Series
Mates With
42474 , 44516 , 5557d


同様の部品番号 - SD-44281-001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-44281-001 MOLEX6-SD-44281-001 Datasheet
131Kb / 3P
   4.20mm (.165
SD-44281-001 MOLEX-SD-44281-001 Datasheet
106Kb / 1P
   MINI-FIT 4-20 CIRCUIT TEST PLUG ASSEMBLY
2015/10/27
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com