データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-48025-011 データシート(PDF) 2 Page - Molex Electronics Ltd.

部品番号 SD-48025-011
部品情報  Modular Jack, Right Angle, 10/100, with Integrated Magnetic, 8/8, without LED, Lead free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX6 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-48025-011 データシート(HTML) 2 Page - Molex Electronics Ltd.

  SD-48025-011 Datasheet HTML 1Page - Molex Electronics Ltd. SD-48025-011 Datasheet HTML 2Page - Molex Electronics Ltd. SD-48025-011 Datasheet HTML 3Page - Molex Electronics Ltd. SD-48025-011 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Current - Maximum per Contact
1.5A
Grounding to PCB
Yes
Grounding to Panel
Panel Ground Tab
Shielded
Yes
Voltage - Maximum
150V AC (RMS)
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-48025-001
Product Specification
PS-48025-005
Sales Drawing
SD-48025-011
Test Summary
TS-48025-011
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - SD-48025-011

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-48025-006 MOLEX6-SD-48025-006 Datasheet
198Kb / 4P
   Modular Jack, Right Angle, 10/100, with Integrated Magnetic and LED
SD-48025-009 MOLEX6-SD-48025-009 Datasheet
200Kb / 4P
   Modular Jack, Right Angle, 10/100, with Integrated Magnetic and LED, 8/8, Lead free
More results

同様の説明 - SD-48025-011

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0480251190 MOLEX6-0480251190 Datasheet
200Kb / 4P
   Modular Jack, Right Angle, 10/100, with Integrated Magnetic and LED, 8/8, Lead free
0480251090 MOLEX1-0480251090_18 Datasheet
34Kb / 2P
   Modular Jack, Right Angle, 10/100, with Integrated Magnetic and LED, 8/8, Lead-Free
0480251190 MOLEX1-0480251190_18 Datasheet
34Kb / 2P
   Modular Jack, Right Angle, 10/100, with Integrated Magnetic and LED, 8/8, Lead-Free
0480251090 MOLEX6-0480251090 Datasheet
200Kb / 4P
   Modular Jack, Right Angle, 10/100, with Integrated Magnetic and LED, 8/8, Lead free
0480252090 MOLEX6-0480252090 Datasheet
177Kb / 4P
   Modular Jack, Right Angle, 10/100, with Integrated Magnetic and LED, 8/8, without Ground Shield, Lead free
0480251091 MOLEX6-0480251091 Datasheet
188Kb / 4P
   Modular Jack, Right Angle, 10/100, with Integrated Magnetic and LED, 8/8, without EMI Fingers, Lead free
0480251091 MOLEX1-0480251091_18 Datasheet
33Kb / 2P
   Modular Jack, Right Angle, 10/100, with Integrated Magnetic and LED, 8/8, without EMI Fingers, Lead-Free
0480250091 MOLEX1-0480250091_18 Datasheet
34Kb / 2P
   Modular Jack, Right Angle, 10/100, with Integrated Magnetic and LED, 8/8
0480250002 MOLEX1-0480250002_18 Datasheet
34Kb / 2P
   Modular Jack, Right Angle, 10/100, with Integrated Magnetic and LED, 8/8
0480749001 MOLEX6-0480749001 Datasheet
201Kb / 4P
   Modular Jack, Right Angle, SMT, 10/100, with Integrated Magnetics and LED, 8/8, Lead free
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com