データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-43650-010 データシート(PDF) 2 Page - Molex Electronics Ltd.

部品番号 SD-43650-010
部品情報  3.00mm (.118") Pitch Micro-Fit 3.0 Header, Surface Mount Compatible, Single Row, Vertical, with PCB Polarizing Peg
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX6 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-43650-010 データシート(HTML) 2 Page - Molex Electronics Ltd.

  SD-43650-010 Datasheet HTML 1Page - Molex Electronics Ltd. SD-43650-010 Datasheet HTML 2Page - Molex Electronics Ltd. SD-43650-010 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
5A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
30
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-0811
Product Specification
PS-43650
Sales Drawing
SD-43650-010
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - SD-43650-010

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-43650-010 MOLEX6-SD-43650-010 Datasheet
167Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0??Header
SD-43650-010 MOLEX6-SD-43650-010 Datasheet
168Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0??Header
SD-43650-010 MOLEX6-SD-43650-010 Datasheet
167Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 Header, Surface Mount Compatible, Single Row Vertical, with PCB Polarizing Peg
SD-43650-010 MOLEX6-SD-43650-010 Datasheet
168Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 Header, Surface Mount Compatible, Single Row, Vertical, with PCB Polarizing
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com