データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-45971-001 データシート(PDF) 2 Page - Molex Electronics Ltd.

部品番号 SD-45971-001
部品情報  1.27mm (.050") by 1.27mm (.050") Pitch SEARAY Receptacle, 500 Circuits, 8.00mm (.314") Unmated Height
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX6 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-45971-001 データシート(HTML) 2 Page - Molex Electronics Ltd.

  SD-45971-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-45971-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-45971-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-45971-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-45971-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-45971-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-45971-001 Datasheet HTML 7Page - Molex Electronics Ltd. SD-45971-001 Datasheet HTML 8Page - Molex Electronics Ltd. SD-45971-001 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
2.7A
Grounding to PCB
No
Voltage - Maximum
240V AC
Solder Process Data
Duration at Max. Process Temperature (seconds)
3
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Application Specification
AS-45970-001, AS-45970-002, AS-45970-990
Packaging Specification
PK-45971-001, PK-45971-002
Product Specification
PS-45970-001, PS-45970-002
Sales Drawing
SD-45971-001
Test Summary
TS-45970-001
*SEARAY is a trademark of Samtec, Inc.
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - SD-45971-001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-45971-001 MOLEX6-SD-45971-001 Datasheet
1Mb / 12P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Receptacle
SD-45971-001 MOLEX6-SD-45971-001 Datasheet
1Mb / 12P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Receptacle
SD-45971-001 MOLEX6-SD-45971-001 Datasheet
1Mb / 12P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY Receptacle, 300 Circuits, 6.00mm (.236") Unmated Height
SD-45971-001 MOLEX6-SD-45971-001 Datasheet
1Mb / 12P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY Receptacle, 240 Circuits, 6.00mm (.236") Unmated Height, 8
SD-45971-001 MOLEX6-SD-45971-001 Datasheet
1Mb / 12P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY Receptacle, 450 Circuits, 5.00mm (.196") Unmated Height
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com