データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-44248-001 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-44248-001
部品情報  Modular Jack, Right Angle, Low Profile, Inverted, 6/4, 4 Ports
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX6 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-44248-001 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-44248-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-44248-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-44248-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-44248-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-44248-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-44248-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-44248-001 Datasheet HTML 7Page - Molex Electronics Ltd. SD-44248-001 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0442480096
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jack, Right Angle, Low Profile, Inverted, 6/4, 4 Ports
Documents:
3D Model
Product Specification PS-43860-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
44248
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Name
RJ11
Physical
Boot Color
N/A
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
Yes
Keying to Mating Part
None
Lightpipes/LEDs
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Orientation
Right Angle (Side Entry)
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Panel Mount
Without Flange
Pitch - Mating Interface (in)
0.040 In
Pitch - Mating Interface (mm)
1.02 mm
Pitch - Term. Interface (in)
0.040 In
Pitch - Term. Interface (mm)
1.02 mm
Plating min: Mating (µin)
50
Plating min: Mating (µm)
1.25
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Ports
4
Positions / Loaded Contacts
6/4
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44248Series
Mates With
FCC 68 Plugs


同様の部品番号 - SD-44248-001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-44248-001 MOLEX6-SD-44248-001 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 8/8, 4 Ports
SD-44248-001 MOLEX6-SD-44248-001 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, 4 Ports
SD-44248-001 MOLEX6-SD-44248-001 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 2 Ports
SD-44248-001 MOLEX6-SD-44248-001 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 6/4, 2 Ports
SD-44248-001 MOLEX6-SD-44248-001 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, 2 Ports
More results

同様の説明 - SD-44248-001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0442480076 MOLEX6-0442480076 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, 4 Ports
0442480095 MOLEX6-0442480095 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, 4 Ports
0442480103 MOLEX6-0442480103 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, 4 Ports
0442480095 MOLEX1-0442480095_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, 4 Ports
0442480093 MOLEX6-0442480093 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, 2 Ports
0442480065 MOLEX6-0442480065 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, 2 Ports
0442480093 MOLEX1-0442480093_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, 2 Ports
0438146421 MOLEX6-0438146421 Datasheet
149Kb / 3P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, 2 Ports
0442480073 MOLEX6-0442480073 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, 2 Ports
0442480101 MOLEX6-0442480101 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, 2 Ports
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com