データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54104-3031 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 54104-3031
部品情報  0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style30 Circuits, Lead-free, 0.1關m (4關") Gold (Au) Plating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX7 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54104-3031 データシート(HTML) 1 Page - Molex Electronics Ltd.

  54104-3031 Datasheet HTML 1Page - Molex Electronics Ltd. 54104-3031 Datasheet HTML 2Page - Molex Electronics Ltd. 54104-3031 Datasheet HTML 3Page - Molex Electronics Ltd. 54104-3031 Datasheet HTML 4Page - Molex Electronics Ltd. 54104-3031 Datasheet HTML 5Page - Molex Electronics Ltd. 54104-3031 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0541043031
Status:
Active
Overview:
ffc_fpc_smt
Description:
0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style,
30 Circuits, Lead-free, 0.1µm (4µ") Gold (Au) Plating
Documents:
3D Model
Product Specification PS-54104-071 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
FFC/FPC Connectors
Series
54104
Overview
ffc_fpc_smt
Product Name
N/A
Physical
Circuits (Loaded)
30
Color - Resin
Natural
Contact Position
Top
Durability (mating cycles max)
20
Entry Angle
90° Angle
Flammability
94V-0
Mated Height (in)
0.079 In
Mated Height (mm)
2.00 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.024 In
PC Tail Length (mm)
0.60 mm
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.020 In
Pitch - Mating Interface (mm)
0.50 mm
Plating min: Mating (µin)
4
Plating min: Mating (µm)
0.1
Plating min: Termination (µin)
2
Plating min: Termination (µm)
0.05
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
FFC/FPC
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
50V
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
54104Series


同様の部品番号 - 54104-3031

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
54104-3231 MOLEX7-54104-3231 Datasheet
348Kb / 6P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style,32 Circuits, Lead-free, 0.1關m (4關") Gold (Au) Plating
54104-3292 MOLEX11-54104-3292 Datasheet
605Kb / 6P
   0.5 FPC Conn Zif Hsg Assy for SMT RA Upr Cont
54104-3331 MOLEX7-54104-3331 Datasheet
348Kb / 6P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style 33 Circuits, Lead-free, 0.1關m (4關") Gold (Au) Plating
54104-3431 MOLEX7-54104-3431 Datasheet
348Kb / 6P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style34 Circuits, Lead-free, 0.1關m (4關") Gold (Au) Plating
54104-3531 MOLEX7-54104-3531 Datasheet
348Kb / 6P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style35 Circuits, Lead-free, 0.1關m (4關") Gold (Au) Plating
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com