データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54167-0808 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 54167-0808
部品情報  0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical, 3.00and 4.00mm (.118" and .157") Stacking Heights, Lower Circuit Size Version, Black, 80Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX7 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54167-0808 データシート(HTML) 1 Page - Molex Electronics Ltd.

  54167-0808 Datasheet HTML 1Page - Molex Electronics Ltd. 54167-0808 Datasheet HTML 2Page - Molex Electronics Ltd. 54167-0808 Datasheet HTML 3Page - Molex Electronics Ltd. 54167-0808 Datasheet HTML 4Page - Molex Electronics Ltd. 54167-0808 Datasheet HTML 5Page - Molex Electronics Ltd. 54167-0808 Datasheet HTML 6Page - Molex Electronics Ltd. 54167-0808 Datasheet HTML 7Page - Molex Electronics Ltd. 54167-0808 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0541670808
Status:
Active
Description:
0.50mm (.020") Pitch SlimStack™ Receptacle, Surface Mount, Dual Row, Vertical, 3.00
and 4.00mm (.118" and .157") Stacking Heights, Lower Circuit Size Version, Black, 80
Circuits
Documents:
3D Model
Product Specification PS-54167-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-52991-003 (PDF)
General
Product Family
PCB Receptacles
Series
54167
Application
Board-to-Board
Product Name
SlimStack™
Physical
Circuits (Loaded)
80
Glow-Wire Compliant
No
Mated Height (in)
0.118 In, 0.157 In
Mated Height (mm)
3.00 mm, 4.00 mm
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Number of Rows
2
Orientation
Vertical
PCB Locator
No
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.020 In
Pitch - Mating Interface (mm)
0.50 mm
Plating min: Mating (µin)
4
Plating min: Mating (µm)
0.1
Plating min: Termination (µin)
10
Plating min: Termination (µm)
0.25
Polarized to PCB
No
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
50V
Material Info
Reference - Drawing Numbers
Product Specification
PS-52991-003, PS-54167-002, RPS-52991-019
Sales Drawing
SD-54167-001, SD-54167-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
54167Series
Mates With
53916 , 53748
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - 54167-0808

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
54167-0208 MOLEX7-54167-0208 Datasheet
402Kb / 8P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical, 3.00and 4.00mm (.118" and .157") Stacking Heights, Lower Circuit Size Version, Black, 20Circuits
54167-0308 MOLEX7-54167-0308 Datasheet
403Kb / 8P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical, 3.00and 4.00mm (.118" and .157") Stacking Heights, Lower Circuit Size Version, Black, 30Circuits
54167-0408 MOLEX7-54167-0408 Datasheet
403Kb / 8P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical, 3.00 and 4.00mm (.118" and .157") Stacking Heights, Lower Circuit Size Version, Black, 40Circuits
54167-0508 MOLEX7-54167-0508 Datasheet
403Kb / 8P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical, 3.00and 4.00mm (.118" and .157") Stacking Heights, Lower Circuit Size Version, Black, 50Circuits
54167-0608 MOLEX7-54167-0608 Datasheet
402Kb / 8P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical, 3.00and 4.00mm (.118" and .157") Stacking Heights, Lower Circuit Size Version, Black, 60Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com