データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74162-0222 データシート(PDF) 2 Page - Molex Electronics Ltd.

部品番号 74162-0222
部品情報  2.54mm (.100") Pitch C-Grid짰 Receptacle
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX8 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74162-0222 データシート(HTML) 2 Page - Molex Electronics Ltd.

  74162-0222 Datasheet HTML 1Page - Molex Electronics Ltd. 74162-0222 Datasheet HTML 2Page - Molex Electronics Ltd. 74162-0222 Datasheet HTML 3Page - Molex Electronics Ltd. 74162-0222 Datasheet HTML 4Page - Molex Electronics Ltd. 74162-0222 Datasheet HTML 5Page - Molex Electronics Ltd. 74162-0222 Datasheet HTML 6Page - Molex Electronics Ltd. 74162-0222 Datasheet HTML 7Page - Molex Electronics Ltd. 74162-0222 Datasheet HTML 8Page - Molex Electronics Ltd. 74162-0222 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-0019
Product Specification
PS-74162-001
Sales Drawing
SD-74162-001
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - 74162-0222

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
74162-0220 MOLEX8-74162-0220 Datasheet
1Mb / 10P
   2.54mm (.100") Pitch C-Grid짰 Receptacle, Right Angle, Through Hole, Dual Row,Shrouded, Version A, High-Temperature, 20 Circuits, 0.4關m (15關") Gold (Au)
74162-0224 MOLEX8-74162-0224 Datasheet
1Mb / 10P
   2.54mm (.100") Pitch C-Grid짰 Receptacle, Right Angle, Through Hole, Dual RowShrouded, Version A, High-Temperature, 24 Circuits, 0.4關m (15關") Gold (Au)
74162-0226 MOLEX8-74162-0226 Datasheet
1Mb / 5P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 64 Circuits, 8.13mm (.320") Mating Pin Length, 0.76關m (30關") Gold (Au) Selective
74162-0228 MOLEX8-74162-0228 Datasheet
1Mb / 10P
   2.54mm (.100") Pitch C-Grid짰 Receptacle, Right Angle, Through Hole, Dual Row,Shrouded, Version A, High-Temperature, 28 Circuits, 0.4關m (15關") Gold (Au
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com