データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74076-0001 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 74076-0001
部品情報  VHDM-HSD??Free-Standing Guide Pin
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX8 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74076-0001 データシート(HTML) 1 Page - Molex Electronics Ltd.

  74076-0001 Datasheet HTML 1Page - Molex Electronics Ltd. 74076-0001 Datasheet HTML 2Page - Molex Electronics Ltd. 74076-0001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0740760001
Status:
Active
Overview:
vhdm__hsd
Description:
VHDM-HSD™ Free-Standing Guide Pin
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Backplane Connectors
Series
74076
Application
Backplane
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622010999.pdf">Tooling Manual</a>
Comments
Dimension C = 6/8 row
Component Type
Guide
Overview
vhdm__hsd
Product Name
VHDM®, VHDM-HSD™
Style
N/A
Physical
Circuits (Loaded)
0
Circuits (maximum)
0
Durability (mating cycles max)
200
Keying to Mating Part
None
Number of Columns
N/A
Number of Pairs
Open Pin Field
Number of Rows
0
Orientation
N/A
PCB Retention
None
PCB Thickness Recommended (in)
0.070 In, 0.157 In
PCB Thickness Recommended (mm)
1.80 mm, 4.00 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
N/A
Electrical
Current - Maximum per Contact
N/A
Data Rate
N/A
Shielded
No
Voltage - Maximum
N/A
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-74076-002, SD-74076-005
VHDM, VHDM-HSD and Very High Density Metric are trademarks of Amphenol Corporation
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74076Series
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - 74076-0001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
74076-0001 MOLEX-74076-0001 Datasheet
609Kb / 2P
   2.00 by 2.25mm (.079 by .089") Pitch 5-Row, 6-Row and 8-Row VHDM-HSD Module-to-Backplane Connector System
More results

同様の説明 - 74076-0001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0740760005 MOLEX8-0740760005 Datasheet
214Kb / 3P
   VHDM-HSD??Free-Standing Guide Pin
0740760006 MOLEX8-0740760006 Datasheet
214Kb / 3P
   VHDM-HSD??Free-Standing Guide Pin
0740760002 MOLEX8-0740760002 Datasheet
214Kb / 3P
   VHDM-HSD??Free-Standing Guide Pin
0752341508 MOLEX9-0752341508 Datasheet
200Kb / 2P
   GbX 2-Pair Free Backplane Free Standing Guide Pin Kit
0752342508 MOLEX9-0752342508 Datasheet
200Kb / 2P
   GbX 2-Pair Free Backplane Free Standing Guide Pin Kit
0752340478 MOLEX11-0752340478 Datasheet
27Kb / 2P
   GbX I-Trac Backplane Free Standing Wide Guide Pin
0752341469 MOLEX9-0752341469 Datasheet
244Kb / 2P
   Backplane Free Standing Guide Pin Use with 1.6mm-5.0mm PC Board Thickness
62202-1450 MOLEX-62202-1450 Datasheet
143Kb / 3P
   HSD/VHDM Tooling
05-19-06
62202-1060 MOLEX-62202-1060 Datasheet
96Kb / 3P
   HSD/VHDM Tooling
05-18-06
0746972512 MOLEX9-0746972512 Datasheet
379Kb / 5P
   2.00mm (.079") Pitch 5-Row VHDM-HSD Backplane Header, Guide Pin Signal Module
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com