データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74320-9044 データシート(PDF) 2 Page - Molex Electronics Ltd.

部品番号 74320-9044
部品情報  MicroCross DVI-D Digital Interface, Panel Mount, Through Hole, Right Angle, Gold (Au) Flash, Polyester (PBT)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX8 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74320-9044 データシート(HTML) 2 Page - Molex Electronics Ltd.

  74320-9044 Datasheet HTML 1Page - Molex Electronics Ltd. 74320-9044 Datasheet HTML 2Page - Molex Electronics Ltd. 74320-9044 Datasheet HTML 3Page - Molex Electronics Ltd. 74320-9044 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Waterproof / Dustproof
No
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
3A
Grounding to Panel
Yes
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
40V AC (RMS)
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-74320-009, PK-74320-010
Sales Drawing
SD-74320-034
This document was generated on 05/10/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - 74320-9044

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
74320-9043 MOLEX8-74320-9043 Datasheet
207Kb / 4P
   MicroCross DVI-D Digital Visual Interface, PCB Receptacle, Through Hole, Right Angle, with Beveled Metal
74320-9046 MOLEX8-74320-9046 Datasheet
207Kb / 4P
   MicroCross??DVI-D Digital Interface
More results

同様の説明 - 74320-9044

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0673519004 MOLEX7-0673519004 Datasheet
214Kb / 4P
   MicroCross??DVI-D Digital Interface, Panel Mount, Through Hole, Right Angle, PCBExtended Height Receptacle, Gold (Au) Flash, Polyester (PBT),Screw Hole, 4-40
0673519006 MOLEX7-0673519006 Datasheet
216Kb / 4P
   MicroCross??DVI-D Digital Interface, Panel Mount, Through Hole, Right Angle, PCBExtended Height Receptacle, Gold (Au) Flash, Polyester (PBT),Screw Hole, 4-40
0673517000 MOLEX7-0673517000 Datasheet
119Kb / 3P
   MicroCross??DVI-D Digital Visual Interface for Adapter, Panel Mount, Through HoleVertical, Gold (Au) Flash, Polyester (PBT), 2.79mm (.110
0743209054 MOLEX8-0743209054 Datasheet
297Kb / 4P
   MicroCross??DVI-D Digital Interface, Panel Mount, Through Hole, Right Angle, Gold(Au) Flash, Polyester (PBT), with Hex Jack Screw, 2.34mm(.092") P.C. Tail Length, 24
0673514804 MOLEX7-0673514804 Datasheet
188Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Polyester (PBT),Through Hole, Right Angle, Gold (Au) Flash, 2.34mm (.092") PC Tail Length, Screw
0673515006 MOLEX7-0673515006 Datasheet
196Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, Panel Mount, Through Hole, Vertical, Gold(Au) Flash, Polyester (PBT), 2.79mm (.110") PC TailLength, 24 Circuits, Lead Free
0743204804 MOLEX8-0743204804 Datasheet
228Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Polyester (PCT), Panel Mount, Through Hole, Right Angle, Gold (Au) Flash, 2.34mm (.092) PC Tail Length
0673511004 MOLEX7-0673511004 Datasheet
244Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, Right Angle, PCB Extended Height Receptacle, Gold (Au) Flash, Polyester (PBT), Lead Free Screw Hole, 4-40 Thread, 29 Circuits
0673511014 MOLEX7-0673511014 Datasheet
223Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle Receptacle, Gold (Au) Flash, Polyester (PBT), 2.34mm (.092") PC Tail Length29 Circuits, Lead Free
0673515004 MOLEX7-0673515004 Datasheet
196Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, Panel Mount, Through Hole, Vertical, GoldAu) Flash, Polyester (PBT), 2.34mm (.092") PC TailLength, 24 Circuits, Lead Free
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com