データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74323-2133 データシート(PDF) 5 Page - Molex Electronics Ltd.

部品番号 74323-2133
部品情報  MicroCross DVI-I Integrated Digital/Analog Dual Channel High Volume Plug Connector Sub-assembly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX8 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74323-2133 データシート(HTML) 5 Page - Molex Electronics Ltd.

  74323-2133 Datasheet HTML 1Page - Molex Electronics Ltd. 74323-2133 Datasheet HTML 2Page - Molex Electronics Ltd. 74323-2133 Datasheet HTML 3Page - Molex Electronics Ltd. 74323-2133 Datasheet HTML 4Page - Molex Electronics Ltd. 74323-2133 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image


同様の部品番号 - 74323-2133

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
74323-2131 MOLEX8-74323-2131 Datasheet
445Kb / 5P
   MicroCross??DVI-I Integrated Digital/Analog Single Channel High Volume PlugConnector Sub-assembly, for PCB Mount, Vertical, Gold (Au) Flash, 23 Circuits, Lead
74323-2134 MOLEX8-74323-2134 Datasheet
445Kb / 5P
   MicroCross??DVI-I Integrated Digital/Analog Dual Channel High Volume PlugConnector Sub-assembly, for PCB Mount, Vertical, 0.76關m (30關") Gold(Au) Plating, 29 Circuits, Lead Free
More results

同様の説明 - 74323-2133

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0743232233 MOLEX8-0743232233 Datasheet
133Kb / 3P
   MicroCross DVI-I Integrated Digital/Analog High Volume Plug Connector Subassembly
0743232062 MOLEX8-0743232062 Datasheet
221Kb / 4P
   MicroCross DVI Analog, Single Link, High Volume Plug Connector Sub- assembly, ESD Type, Vertical, 0.76um
0743232131 MOLEX8-0743232131 Datasheet
445Kb / 5P
   MicroCross??DVI-I Integrated Digital/Analog Single Channel High Volume PlugConnector Sub-assembly, for PCB Mount, Vertical, Gold (Au) Flash, 23 Circuits, Lead
0743232011 MOLEX8-0743232011 Datasheet
224Kb / 4P
   MicroCross??DVI Analog, High Volume Plug Connector Sub-assembly, Vertical, GoldAu) Flash, 17 Circuits, Lead Free
0887419400 MOLEX10-0887419400 Datasheet
101Kb / 2P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Adapter, DVI-I-Analog/Digital Receptacle to DVI Digital Plug
0887419100 MOLEX10-0887419100 Datasheet
145Kb / 4P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Adapter, DVI-I-Analog/Digital Receptacle to VGA Plug
0887418200 MOLEX10-0887418200 Datasheet
178Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Analog to DVI-Analog, 2.0m (6.56) Length
0887418210 MOLEX10-0887418210 Datasheet
178Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Analog to DVI-Analog, 3.0m (9.84) Length
0887418220 MOLEX10-0887418220 Datasheet
177Kb / 3P
   MicroCross??DVI Digital Visual Interface, Shielded I/O Cable Assembly: DVI-Analog to DVI-Analog, 5.0m (16.40) Length
0743232111 MOLEX8-0743232111 Datasheet
453Kb / 5P
   MicroCross??DVI Analog, High Volume Plug Connector Sub-assembly, for PCBMount, Vertical, Gold (Au) Flash, 23 Circuits, Lead Free
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com