データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FMX-G22S データシート(PDF) 1 Page - Sanken electric

部品番号 FMX-G22S
部品情報  Ultra-Fast-Recovery Rectifier Diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMX-G22S データシート(HTML) 1 Page - Sanken electric

  FMX-G22S Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FML-G22S
30
90
60
150
120
0
1
5
50
10
20ms
Ultra-Fast-Recovery Rectifier Diodes
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
IF
/IRP
(mA)
VR =VRM
max
Rth ( j-c)
VR =VRM
Ta =100
°C max
IR
(mA)
IR (H)
(mA)
Tj
(
°C)
Tstg
(
°C)
max
Electrical Characteristics (Ta =25
°C)
(
°C/W)
(g)
Mass
Others
FML-G22S
10.0
200
600
200
5.0
10.0
65
150
150
0.98
1.7
0.98
10.0
5.0
10.0
0.5
0.1
0.2
2.0
20.0
50
30
40
65
500/500
500/500
100/100
500/500
500/1000
500/1000
100/200
500/1000
–40 to +150
25
30
40
4.0
2.1
FMX-G12S
FMX-G22S
A
FMX-G12S
FMX-G22S
10
50
60
40
30
20
65
0
1
5
50
10
20ms
30
90
60
150
120
0
1
5
50
10
20ms
0.2
0.4
0.6
0.8
0
1.0
1.2
1.4
20
10
1
0.1
0.01
0.001
50
10
1
0.1
0.01
0.001
50
10
1
0.1
0.01
0.001
3.3
1.35
10.0
0.85
5.08
4.2
2.8
C0.5
2.4
0.45
10.0
100
10.0
0.1
0.3
FML-G26S
80
0
90
110
150
2
4
6
8
10
130
t / T 1/6
=
t / T 1/ 3
, Sinewave
=
t / T 1/2
=
D.C.
100
120
140
120
140
t / T 1/3
=
t / T 1/2
=
0
110
150
1
2
3
4
5
130
t / T 1/6
=
Sinewave
D.C.
0.8
1.0
1.2
0
0.4
0.6
0.2
Ta 150ºC
=
60ºC
100ºC
25ºC
0.2
0.4
0.6
0.8
0
1.0
1.2
1.4
Ta 150ºC
=
100ºC
60ºC
25ºC
Ta 150ºC
=
100ºC
60ºC
25ºC
50
0
150
2
4
6
8
10
70
90
110
130
t / T 1/6
=
Sinewave
t / T 1/2
=
D.C.
t / T 1/3
=
T
t
IF (AV) (A)
67
Fig.
50Hz
Half-cycle Sinewave
Single Shot
With
Heatsink
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Case Temperature
Tc
(
°C)
Tc —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Case Temperature
Tc
(
°C)
Tc —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Case Temperature
Tc
(
°C)
Tc —IF(AV) Derating
External Dimensions
(Unit: mm) (Full-mold)
Flammability:
UL94V-0 or Equivalent
A
Fig.
trr
Œ
(ns)
trr

(ns)
Tj =150ºC
VR= 200V
+0.2
–0.1


同様の部品番号 - FMX-G22S

メーカー部品番号データシート部品情報
logo
Sanken electric
FMX-G22S SANKEN-FMX-G22S Datasheet
109Kb / 3P
   Ultra-Fast-Recovery Rectifier Diode
FMX-G22S SANKEN-FMX-G22S Datasheet
205Kb / 4P
   Silicon Diode
FMX-G22S SANKEN-FMX-G22S Datasheet
205Kb / 4P
   Silicon Diode
More results

同様の説明 - FMX-G22S

メーカー部品番号データシート部品情報
logo
Sanken electric
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
STMicroelectronics
STPR520D STMICROELECTRONICS-STPR520D Datasheet
75Kb / 6P
   ULTRA-FAST RECOVERY RECTIFIER DIODES
October 1999 - Ed: 2B
logo
List of Unclassifed Man...
MP3-306 ETC1-MP3-306 Datasheet
95Kb / 3P
   Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
   Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
RU1 TAYCHIPST-RU1 Datasheet
838Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR2010CT YANGJIE-MUR2010CT Datasheet
109Kb / 2P
   Ultra-Fast Recovery Rectifier Diodes
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com