データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI-3050F データシート(PDF) 3 Page - Sanken electric

部品番号 SI-3050F
部品情報  5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3050F データシート(HTML) 3 Page - Sanken electric

  SI-3050F Datasheet HTML 1Page - Sanken electric SI-3050F Datasheet HTML 2Page - Sanken electric SI-3050F Datasheet HTML 3Page - Sanken electric SI-3050F Datasheet HTML 4Page - Sanken electric SI-3050F Datasheet HTML 5Page - Sanken electric SI-3050F Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
35
(Ta=25
°C unless otherwise specified)
Parameter
Input Voltage
Output Voltage
Reference Voltage
Dropout Voltage
Line Regulation
Load Regulation
Temperature Coefficient
of Reference Voltage
Ripple Rejection
Quiescent Circuit
Current
Overcurrent Protection
Starting Current*4,7
Control Voltage (Output ON)
Control Voltage (Output OFF)
Control Current
(Output ON)
Control Current
(Output OFF)
sOutline Drawing
sElectrical Characteristics (SI-3025F)
Terminal Connections
q GND
w VC
e VO
r VOS
t VIN
Plastic Mold Package Type
Flammability: UL94V-0
Weight: Approx. 2.3g
Forming No. 1101
(Only SI-3025F)
q GND
w VC
e VO
r VREF
t VIN
(unit:mm)
qSI-3000F Series
Unit
V
V
V
V
mV/V
mV/V
mV/
°C
dB
mA
A
V
µA
mA
Symbol
VIN
VO
VREF
VDIF
Conditions
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
∆VREF/∆Ta
Conditions
RREJ
Conditions
Iq
Conditions
IS1
Conditions
VC. IH
VC. IL
IC. IH
Conditions
IC. IL
Conditions
VC
Terminal*5
Ratings
SI-3025F
min.
typ.
max.
6*6
25*2
324
2.45
2.55
2.65
0.5
IO
≤0.5A
1.0
IO
≤1.0A
10
VIN=VO+1 to 25V, IO=0.5A
20
VIN=VO+3V, IO=0 to 1.0A
±0.5
VIN=VO+3V, IO=5mA, Tj=0 to 100
°C
54
VIN=VO+3V, f=100 to 120HZ
310
VIN=VO+3V, IO=0A
1.2
VIN=VO+3V
2.0
0.8
20
VC=2.7V
–0.3
VC=0.4V
10.0
±0.2
4.2
±0.2
0.95
±0.15
8.2±0.7
2.6±0.1
3.9±0.7
(4.3)
0.85
+0.2
–0.1
0.45
+0.2
–0.1
3.2±0.2
12 3 4 5
P1.7±0.7
×4=6.8±0.7
2.8
±0.2
φ
Part Number
Lot Number


同様の部品番号 - SI-3050F

メーカー部品番号データシート部品情報
logo
Sanken electric
SI-3050F SANKEN-SI-3050F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
More results

同様の説明 - SI-3050F

メーカー部品番号データシート部品情報
logo
Sanken electric
SI-3000J SANKEN-SI-3000J Datasheet
52Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000B SANKEN-SI-3000B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3157B SANKEN-SI-3157B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3050F SANKEN-SI-3050F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000C SANKEN-SI-3000C Datasheet
59Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI3240C ETC-SI3240C Datasheet
94Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI-3000R SANKEN-SI-3000R Datasheet
45Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type with Reset Function
SI-3000N SANKEN-SI-3000N Datasheet
37Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3002N SANKEN-SI-3002N Datasheet
36Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com