データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI-3201S データシート(PDF) 1 Page - Sanken electric

部品番号 SI-3201S
部品情報  Switching Type Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3201S データシート(HTML) 1 Page - Sanken electric

  SI-3201S Datasheet HTML 1Page - Sanken electric SI-3201S Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
q Output current of 3A (Ta = 25ºC, VIN = 8 to 18V)
q High efficiency of 82% (VIN = 14V, IO = 2A)
q Requires 5 external components only
q Built-in reference oscillator (60kHz)
q Phase internally corrected
q Output voltage internally corrected
q Built-in overcurrent and thermal protection circuits
q Built-in soft start circuit
Parameter
Symbol
Unit
Conditions
Ratings
Absolute Maximum Ratings
Electrical Characteristics
Recommended Operating Conditions
External Dimensions (unit: mm)
Standard Circuit Diagram
Parameter
Symbol
min
typ
max
min
typ
max
Unit
Conditions
Ratings
(Ta=25ºC)
Input voltage
Output voltage
SQ terminal voltage with respect
to ground
Power Dissipation
Output voltage
Load regulation
Line regulation
Discharge resistance
(VIN = 14V, IOUT = 2A, Tj = 25ºC unless otherwise specified)
Junction temperature
Storage temperature
Junction to case thermal resistance
Junction to ambient-air thermal
resistance
VIN
IO
VO, SQ
VO
VIN =8 to 18V
VSSL =0.2V
4.80
5.00
82
50
60
5
3.1
5.20
100
V
50
mV
0.2
25
35
4
V
15
µA
k
mV
VO LINE
VO LOAD
Efficiency
IO =0.5 to 3A
%
Oscillation frequency
70
kHz
fOSC
Quiescent circuit current
IO =0A
10
mA
Iq
Overcurrent protection starting
current
A
IS
VSSL
I SSL
RDIS
PD1
PD2
Tj
Tstg
j
-c
j
-a
Low level voltage
Source current when low
Soft
start
terminal
V
A
With infinite heatsink
Stand-alone
V
W
W
ºC
ºC
ºC/W
ºC/W
35
3
–1
22
1.8
–40 to +150
–40 to +125
5.5
66.7
Notes:
*1. Efficiency is calculated by the following equation:
*2. A drooping-type overcurrent protection circuit is built in the IC.
*3. An external voltage may not be applied to the soft start terminal. As shown in the diagram to the
right, use this IC in the soft start mode with a capacitor or in the open-collector drive mode with a
transistor. Leave the soft start terminal open when not using it since it is already pulled up in the IC.
a
b
123
4
5
10.0
3.2
0.95
0.85
P1.7
•4 = 6.8
4.2 ±0.2
2.8 ±0.2
2.6 ±0.1
3.9
8.2 ±0.7
±0.7
0.45
–0.1
+0.2
–0.1
+0.2
(4.3)
1. VIN
2. SWOUT
3. GND
4. VOS
5. SS
a: Type No.
b: Lot No.
(Forming No. 1101)
Parameter
Symbol
Unit
Conditions
Ratings
Input voltage
Output current
Operating temperature
VIN
IO
Top
V
A
Ta—PD characteristics
ºC
8
0.5
–40
18
3
+85
18
Switching Type Regulator
SI-3201S
VO • IO
VIN • IIN
=
• 100 (%)
SS
5
SS
C3
C3
5
SS
5
SI-3201S
SI-3201S
SI-3201S
SI-3201S
VIN
VIN
C1
C3
C2
C1: 1000
µF
C2: 1000
µF
L1: 250
µH
D1: RK46 (Sanken)
VO
CQ
SW Tr
L1
D1
VS
GND
GND
GND
5
3
4
2
1
SS
+
+
a
e
d
b
g
c
h
i
f
a: Internal power supply
b: Thermal protection
c: Reference oscillator
d: Reset
e: Latch & driver
f : Comparator
g: Overcurrent protection
h: Error amplifier
i : Reference voltage
Cautions:
(1) A high-ripple current flows through C1 and C2. Use high-ripple
type 1000
µF or higher capacitors with low internal resistance.
Refer to the respective data books for more information on
reliability and electrical characteristics of the capacitor.
(2) C3 is a capacitor used for soft start.
(3) L1 should be a choke coil with a low core loss for switching
power supplies.
(4) Use a Schottky barrier diode for D1 and make sure that the
reverse voltage applied to the 2nd terminal (SQ terminal) is
within the maximum ratings (–1V). If you use a fast-recovery
diode, the recovery voltage and the ON forward voltage may
cause a reversed-bias voltage exceeding the maximum ratings
to be applied to the 2nd terminal (SQ terminal). Applying a
reversed-bias voltage exceeding the maximum rating to the
2nd terminal (SQ terminal) may damage the IC.
(5) The 4th terminal (VS) is an output voltage detection terminal.
Since this terminal has a high impedance, connect it to the
positive (+) terminal of C2 via the shortest possible route.
(6) Leave the 5th terminal (soft start terminal) open when not
using it. It is pulled up internally.
(7) To ensure optimum operating environment, connect the high-
frequency current line with minimum wiring length.
*1
*3
*2
±0.2
±0.2
±0.15
±0.7
±0.7


同様の部品番号 - SI-3201S

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SI-3240 ETC-SI-3240 Datasheet
94Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI-3240C SANKEN-SI-3240C Datasheet
59Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI-3240C ETC-SI-3240C Datasheet
94Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
Allegro MicroSystems
SI-3240C ALLEGRO-SI-3240C Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
logo
Sanken electric
SI-3240F SANKEN-SI-3240F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
More results

同様の説明 - SI-3201S

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA5779-E SANYO-LA5779-E Datasheet
75Kb / 4P
   Switching Regulator (Variable Type)
logo
Sanken electric
SPF8050J SANKEN-SPF8050J Datasheet
208Kb / 1P
   Automotive Surface Mount Type Switching Regulator
NR421A SANKEN-NR421A Datasheet
1Mb / 32P
   Buck type Synchronous Switching Regulator IC
logo
Sanyo Semicon Device
LV57331TT SANYO-LV57331TT Datasheet
210Kb / 4P
   1ch Step-up Switching Regulator (Variable Type)
logo
Inchange Semiconductor ...
STK73902 ISC-STK73902 Datasheet
128Kb / 3P
   Self-excitation Type Feedback Control Switching Regulator
STK730-010 ISC-STK730-010 Datasheet
130Kb / 3P
   Self-excitation Type Semi-Regulated Switching Regulator
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Texas Instruments
PT7778-3.3V TI1-PT7778-3.3V Datasheet
183Kb / 4P
[Old version datasheet]   Switching Regulator
logo
National Semiconductor ...
LM1578A NSC-LM1578A Datasheet
1Mb / 18P
   Switching Regulator
logo
Sanyo Semicon Device
LA5757TP SANYO-LA5757TP Datasheet
78Kb / 6P
   Switching Regulator
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com