データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI-7115B データシート(PDF) 5 Page - Sanken electric

部品番号 SI-7115B
部品情報  Unipolar Driver ICs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-7115B データシート(HTML) 5 Page - Sanken electric

  SI-7115B Datasheet HTML 1Page - Sanken electric SI-7115B Datasheet HTML 2Page - Sanken electric SI-7115B Datasheet HTML 3Page - Sanken electric SI-7115B Datasheet HTML 4Page - Sanken electric SI-7115B Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
54
SI-7200M, SI-7230M, SI-7115B, SI-7300A,
SI-7330A, SI-7500A and SI-7502
Handling Precautions
(Note: The SI-7502 is applicable for item (2) only.)
For details, refer to the relevant product specifications.
(1) Tightening torque:
The torque to be applied in tightening screws when mounting the IC on a
heatsink should be below 49N•m.
(2) Solvent:
Do not use the following solvents:
Substances that
Chlorine-based solvents
: Trichloroethylene,
dissolve the package
Trichloroethane, etc.
Aromatic hydrogen compounds : Benzene, Toluene,
Xylene, etc.
Ketone and Acetone group solvents
Substances that
Gasoline, Benzine and Kerosene
weaken the package
(3) Silicone grease:
The silicone grease to be used between the aluminum base plate of the hybrid
IC and the heatsink should be any of the following:
• G-746
SHINETSU CHEMICAL INDUSTRIES CO., LTD.
• YG6260
TOSHIBA SILICONE CO., LTD.
• SC102
DOW CORNING TORAY SILICONE CO., LTD.
Please pay sufficient attention in selecting silicone grease since oil in some
grease may penetrate the product, which will result in an extremely short
product life.
Others
• Resistance against radiation
Resistance against radiation was not considered in the development of these ICs
because it is assumed that they will be used in ordinary environment.


同様の部品番号 - SI-7115B

メーカー部品番号データシート部品情報
logo
Bel Fuse Inc.
SI-71002 BEL-SI-71002 Datasheet
305Kb / 4P
   SI-71002
SI-71003 BEL-SI-71003 Datasheet
311Kb / 4P
   SI-71003
SI-71004 BEL-SI-71004 Datasheet
300Kb / 4P
   SI-71004
SI-71005 BEL-SI-71005 Datasheet
280Kb / 4P
   SI-71005
SI-71006 BEL-SI-71006 Datasheet
182Kb / 4P
   SI-71006
More results

同様の説明 - SI-7115B

メーカー部品番号データシート部品情報
logo
Sanken electric
SI-7300A SANKEN-SI-7300A Datasheet
67Kb / 5P
   Unipolar Driver ICs
SLA7020M SANKEN-SLA7020M Datasheet
99Kb / 10P
   Unipolar Driver ICs
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
   Unipolar 2-Phase Stepping Motor Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
logo
Rohm
BU52012HFV-TR ROHM-BU52012HFV-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com