データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI-7500A データシート(PDF) 3 Page - Sanken electric

部品番号 SI-7500A
部品情報  5-phase Stepper Motor Star Connection Unipolar Driver IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-7500A データシート(HTML) 3 Page - Sanken electric

  SI-7500A Datasheet HTML 1Page - Sanken electric SI-7500A Datasheet HTML 2Page - Sanken electric SI-7500A Datasheet HTML 3Page - Sanken electric SI-7500A Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
45
SI-7500A
Application Note
s Determining the output current IO (motor coil current)
The main elements that determine the output current are
Current detection resistor Rs, Supply voltage Vb, and Vari-
able current resistor RX.
(1) Normal mode
To operate a motor at maximum current level, set RX to
infinity (open).
From Fig. A, when the maximum output current ripple is
designated as IOH, its value will be,
VRSH
IOH =
....................................................... [A]
RS
VRSH can be computed as follows:
VRSH = 0.2 Vb + 0.213 (center value) .............. [B]
From equations [A] and [B], the output current IOH can
be computed as follows:
I
IOH =
(0.2 Vb + 0.213)
RS
The relationship between IOH and RS is shown in Fig. B.
(2) Power down mode
When an external resistor RX is connected, VRSH changes
as shown in the Fig. B even when RS is retained. Obtain
the power down output current IOHPD from Fig. B and
equation [A].
s Thermal design
Obtain the internal power dissipation that corresponds to the output current to be required from Fig. C, multiply this by three,
and determine the size of the heatsink from the derating curve in Fig. D. The derating curve is based on junction
temperature of 125
°C. However, make some allowance so that Tc is 85°C or less and then select the proper heatsink size.
Fig. C SI-7500A Internal power dissipation per phase PD
vs. Output current IO
Fig. D SI-7500A Derating curve
Fig. B
VRSH Max. (Vb
= 5.0V)
VRSH Min. (Vb = 5.0V)
VRSH(max) =
+ 0.2 (V)
Vb + 0.1
4.69 +
1.92
Rx
VRSH(min) =
+ 0.15 (V)
Vb + 0.09
5.25 +
2.06
Rx
(Rx : k
Ω)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
1234
External resistor Rx (k
Ω)
Waveform of output current
Fig. A
IOH
Motor : PH566-B
Vb = 5V
Holding mode
VCC = 30V
24V
20V
6
5
4
3
2
1
0
0
0.2
0.4
0.6
0.8
1.0
1.2
Output current lo (A)
(Typical
value)
150
× 100
100
× 100
50
× 100
Without
heatsink
20
15
10
5
0
Heatsink : Aluminum
Thickness : 2 mm
0
204060
80
Ambient temperature Ta (°C)


同様の部品番号 - SI-7500A

メーカー部品番号データシート部品情報
logo
Sanken electric
SI-7502 SANKEN-SI-7502 Datasheet
57Kb / 5P
   5-Phase Stepper Motor Driver ICs
More results

同様の説明 - SI-7500A

メーカー部品番号データシート部品情報
logo
Sanken electric
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
logo
Texas Instruments
DRV8805 TI1-DRV8805_12 Datasheet
780Kb / 19P
[Old version datasheet]   UNIPOLAR STEPPER MOTOR DRIVER IC
DRV8805 TI1-DRV8805 Datasheet
598Kb / 16P
[Old version datasheet]   UNIPOLAR STEPPER MOTOR DRIVER IC
JULY2011
DRV8805 TI-DRV8805_15 Datasheet
970Kb / 21P
[Old version datasheet]   UNIPOLAR STEPPER MOTOR DRIVER IC
logo
Sanken electric
SLA7050M SANKEN-SLA7050M Datasheet
438Kb / 14P
   2-Phase Unipolar Stepper Motor Driver
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
logo
List of Unclassifed Man...
EDE1200 ETC1-EDE1200 Datasheet
222Kb / 6P
   Unipolar Stepper Motor IC
logo
New Japan Radio
NJW4351 NJRC-NJW4351 Datasheet
260Kb / 18P
   Unipolar Stepper Motor Driver
logo
Sanken electric
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com