データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI-8501L データシート(PDF) 1 Page - Sanken electric

部品番号 SI-8501L
部品情報  Separate Excitation Switching Type with Coil
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8501L データシート(HTML) 1 Page - Sanken electric

  SI-8501L Datasheet HTML 1Page - Sanken electric SI-8501L Datasheet HTML 2Page - Sanken electric SI-8501L Datasheet HTML 3Page - Sanken electric SI-8501L Datasheet HTML 4Page - Sanken electric SI-8501L Datasheet HTML 5Page - Sanken electric SI-8501L Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
96
Unit
V
A
°C
sFeatures
• Integrated switching IC and coil construction
• Requires 2 external components only
• Low switching noise
• Heatsink not required
• Built-in overcurrent and thermal protection circuits
• Built-in soft start circuit (Output ON/OFF control)...SI-8500L Series
sApplications
• Telephone power supplies
• Onboard local power supplies
sLineup
Separate Excitation Switching Type with Coil
Symbol
VIN
PD
Tj
Tstg
SI-8400L/8500L Series
sRecommended Operating Conditions
sAbsolute Maximum Ratings
Unit
V
A
°C
Unit
V
W
°C
°C
Symbol
VIN
IO
Top
Symbol
VIN
IO
Top
Ratings
SI-8400L
SI-8500L
35
1.25
3
+100
–25 to +85
Part Number
SI-8401L
SI-8402L
SI-8403L
SI-8405L
SI-8501L
SI-8502L
SI-8503L
SI-8504L
SI-8505L
VO(V)
5.0
12.0
3.3
15.0
5.0
12.0
3.3
9.0
15.0
IO(A)
0.5
0.4
0.5
0.4
1.0
Parameter
DC Input Voltage Range
Output Current Range
Operating Temperature Range
Parameter
DC Input Voltage Range
Output Current Range
Operating Temperature Range
Parameter
DC Input Voltage
Power Dissipation
Junction Temperature
Storage Temperature
Ratings
SI-8401L
SI-8402L
SI-8403L
SI-8405L
7 to 33
15 to 33
5.3 to 33
18 to 33
0 to 0.5
0 to 0.4
0 to 0.5
0 to 0.4
–20 to +85
Ratings
SI-8501L
SI-8502L
SI-8503L
SI-8504L
SI-8505L
7 to 33
15 to 33
5.3 to 33
12 to 33
18 to 33
0 to 1.0
–20 to +85
qSI-8400L/8500L Series


同様の部品番号 - SI-8501L

メーカー部品番号データシート部品情報
logo
Sanken electric
SI-8501L SANKEN-SI-8501L Datasheet
61Kb / 2P
   Separate Excitation Step-down Switching Mode with Coil
More results

同様の説明 - SI-8501L

メーカー部品番号データシート部品情報
logo
Sanken electric
SI-8800L SANKEN-SI-8800L Datasheet
79Kb / 5P
   Separate Excitation Switching Type with Transformer
STR7000 SANKEN-STR7000 Datasheet
59Kb / 5P
   Separate Excitation Switching Type
SI-8501L SANKEN-SI-8501L Datasheet
61Kb / 2P
   Separate Excitation Step-down Switching Mode with Coil
SI-8401L SANKEN-SI-8401L Datasheet
61Kb / 2P
   Separate Excitation Step-down Switching Mode with Coil
SI-8000E SANKEN-SI-8000E Datasheet
41Kb / 4P
   Full-Mold, Separate Excitation Switching Type
SI-8000S SANKEN-SI-8000S Datasheet
63Kb / 6P
   Full-Mold, Separate Excitation Switching Type
STA801M SANKEN-STA801M Datasheet
82Kb / 6P
   2-Output Separate Excitation Switching Type
SI-8000JF SANKEN-SI-8000JF Datasheet
87Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SAI01 SANKEN-SAI01 Datasheet
71Kb / 4P
   Surface-Mount, Separate Excitation Switching Type
STA820M SANKEN-STA820M Datasheet
436Kb / 2P
   Separate Excitation Switching Mode Regulator ICs with Flywheel Diode
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com