データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI-8502L データシート(PDF) 5 Page - Sanken electric

部品番号 SI-8502L
部品情報  Separate Excitation Switching Type with Coil
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8502L データシート(HTML) 5 Page - Sanken electric

  SI-8502L Datasheet HTML 1Page - Sanken electric SI-8502L Datasheet HTML 2Page - Sanken electric SI-8502L Datasheet HTML 3Page - Sanken electric SI-8502L Datasheet HTML 4Page - Sanken electric SI-8502L Datasheet HTML 5Page - Sanken electric SI-8502L Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
100
sTypical Characteristics (SI-8400L Series)
Rise Characteristics(SI-8401L)
Efficiency Characteristics(SI-8401L)
Load Regulation(SI-8401L)
Temperature Characteristics(SI-8401L)
Overcurrent Protection Characteristics(SI-8401L)
Thermal Protection Characteristics(SI-8401L)
Rise Characteristics(SI-8402L)
Efficiency Characteristics(SI-8402L)
Load Regulation(SI-8402L)
0
6
5
4
3
2
1
0
24
6
Input Voltage VIN (V)
810
Ta=25
°C
0.3A
0.1A
Output Current IO (A)
0
100
90
80
70
60
50
0
0.1
0.2
0.3
0.4
0.5
Ta=25
°C
VIN
7V
10V
20V
25V
33V
20V
25V
33V
10V
7V
Output Current IO (A)
0
5.3
5.2
5.1
5.0
4.9
4.8
0
0.1
0.2
0.3
0.4
0.5
Ta=25
°C
VIN=33V
20V
10V
7V
VIN=20V, IO=0.3A
–40
00
100
90
80
70
60
50
40
5.3
5.2
5.1
5.0
4.9
4.8
4.7
–20
0
20
Ambient Temperature Ta (
°C)
40
60
80
100
VO
f
η
Output Current IO (A)
0
6
5
4
3
2
1
0
0.5
1.0
1.5
2.0
Ta=25
°C
0
6
5
4
3
2
1
0
50
100
Case Temperature TC (
°C)
150
200
VIN=20V, IO=20mA
0
14
12
10
6
8
2
0
4
510
Input Voltage VIN (V)
15
20
Ta=25
°C
0.2A
0
100
90
80
70
60
50
0
0.1
0.2
0.3
0.4
Output Current IO (A)
Ta=25
°C
0
12.3
12.2
12.1
12.0
11.9
11.8
0
0.1
0.2
0.3
0.4
VIN=33V
24V
20V
15V
Output Current IO (A)
Ta=25
°C
qSI-8400L/8500L Series
Note on Thermal Protection:
The thermal protection circuit is intended for pro-
tection against heat during instantaneous short-
circuiting. Its operation is not guaranteed for short-
circuiting over extended periods of time.


同様の部品番号 - SI-8502L

メーカー部品番号データシート部品情報
logo
Sanken electric
SI-8501L SANKEN-SI-8501L Datasheet
61Kb / 2P
   Separate Excitation Step-down Switching Mode with Coil
More results

同様の説明 - SI-8502L

メーカー部品番号データシート部品情報
logo
Sanken electric
SI-8800L SANKEN-SI-8800L Datasheet
79Kb / 5P
   Separate Excitation Switching Type with Transformer
STR7000 SANKEN-STR7000 Datasheet
59Kb / 5P
   Separate Excitation Switching Type
SI-8501L SANKEN-SI-8501L Datasheet
61Kb / 2P
   Separate Excitation Step-down Switching Mode with Coil
SI-8401L SANKEN-SI-8401L Datasheet
61Kb / 2P
   Separate Excitation Step-down Switching Mode with Coil
SI-8000E SANKEN-SI-8000E Datasheet
41Kb / 4P
   Full-Mold, Separate Excitation Switching Type
SI-8000S SANKEN-SI-8000S Datasheet
63Kb / 6P
   Full-Mold, Separate Excitation Switching Type
STA801M SANKEN-STA801M Datasheet
82Kb / 6P
   2-Output Separate Excitation Switching Type
SI-8000JF SANKEN-SI-8000JF Datasheet
87Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SAI01 SANKEN-SAI01 Datasheet
71Kb / 4P
   Surface-Mount, Separate Excitation Switching Type
STA820M SANKEN-STA820M Datasheet
436Kb / 2P
   Separate Excitation Switching Mode Regulator ICs with Flywheel Diode
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com