データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1SV268 データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 1SV268
部品情報  Transmitting, Receiving Antenna-switch Use PIN Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

1SV268 データシート(HTML) 1 Page - Sanyo Semicon Device

  1SV268 Datasheet HTML 1Page - Sanyo Semicon Device 1SV268 Datasheet HTML 2Page - Sanyo Semicon Device 1SV268 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SV268
Ordering number :EN4923
Transmitting, Receiving
Antenna-switch Use PIN Diode
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Silicon Epitaxial Type
52098HA (KT)/93094MO (KOTO) BX-1503 No.4923-1/3
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
0
5V
t
n
e
r
r
u
C
d
r
a
w
r
o
FIF
0
0
1A
m
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
l
b
a
w
o
ll
AP
0
.
1W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Electrical Characteristics at Ta = 25˚C
· Marking:VD
Features
· Small interterminal capacitance (C=0.7pF typ).
· Small forward series resistance (rs=0.5
Ω typ).
˚C
˚C
1:Anode
2:Cathode
3:No Contact
SANYO:PCP
Package Dimensions
unit:mm
1163A
[1SV268]
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
IR
A
µ
0
1
=0
5V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
5
4
=
5
.
0A
µ
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
A
m
0
0
1
=7
8
.
00
.
1V
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
IC
VR
z
H
M
1
=
f
,
V
0
4
=7
.
00
.
1F
p
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
Ss
rIF
z
H
M
0
7
4
=
f
,
A
m
0
5
=5
.
07
.
0
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
Ta
-
j
h
t
R
0
2
1
Mounted on ceramic board 250mm2
×0.8mm
Mounted on ceramic board (250mm2
×0.8mm)
˚C/W


同様の部品番号 - 1SV268

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
1SV262 TOSHIBA-1SV262 Datasheet
116Kb / 2P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
1SV262 TOSHIBA-1SV262 Datasheet
269Kb / 3P
   CATV Tuning
logo
Guangdong Kexin Industr...
1SV262 KEXIN-1SV262 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
logo
Zhaoxingwei Electronics...
1SV262 ZHAOXINGWEI-1SV262 Datasheet
44Kb / 1P
   Silicon Epitaxial Planar Diode
logo
Toshiba Semiconductor
1SV262 TOSHIBA-1SV262_07 Datasheet
269Kb / 3P
   CATV Tuning
More results

同様の説明 - 1SV268

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
1SV272 KEXIN-1SV272 Datasheet
36Kb / 1P
   Transmitting Receiving Antenna-switch Use PIN Diode
logo
Sanyo Semicon Device
1SV272 SANYO-1SV272 Datasheet
69Kb / 3P
   Transmitting, Receiving Antenna-switch Use PIN Diode
logo
Sharp Corporation
GP1F31T SHARP-GP1F31T Datasheet
128Kb / 8P
   Light Transmitting/Receiving Units
logo
SHENZHEN FUMAN ELECTRON...
SCTX8IR FUMAN-SCTX8IR Datasheet
117Kb / 5P
   Infrared frequency three-car remote control receiving/transmitting IC
SCTX8A FUMAN-SCTX8A Datasheet
301Kb / 6P
   Same frequency three-car remote control receiving/transmitting IC
SCTX8 FUMAN-SCTX8 Datasheet
131Kb / 5P
   Same frequency three-car remote control receiving/transmitting IC
logo
AUK corp
SDP540Q AUK-SDP540Q Datasheet
181Kb / 3P
   Antenna Switching Pin Diode
ND101 AUK-ND101 Datasheet
243Kb / 3P
   Antenna Switching Pin Diode
logo
NXP Semiconductors
95108 PHILIPS-95108 Datasheet
327Kb / 10P
   SUBMINIATURE TRANSMITTING PENTODE FOR USE IN RADIO SONDES
8.8.1959
logo
Renesas Technology Corp
RKP405KS RENESAS-RKP405KS Datasheet
69Kb / 5P
   Composite Pin Diode for Antenna Switching
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com