データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

90059-0009 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 90059-0009
部品情報  2.54mm (.100) Pitch C-Grid짰 Micro Shunt, Low Profile, 15mm" Select Gold (Au) with Gold (Au) Flash Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX10 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90059-0009 データシート(HTML) 1 Page - Molex Electronics Ltd.

  90059-0009 Datasheet HTML 1Page - Molex Electronics Ltd. 90059-0009 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0900590009
Status:
Active
Overview:
cgrid_iii|cgrid__sl_products
Description:
2.54mm (.100") Pitch C-Grid® Micro Shunt, Low Profile, 15mm" Select Gold (Au) with
Gold (Au) Flash Plating
Documents:
3D Model
Product Specification PS-90059 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Accessories
Series
90059
Component Type
Shunt
Overview
cgrid_iii|cgrid__sl_products
Product Name
C-Grid®, C-Grid III™, SL™
Physical
Circuits (Loaded)
2
Circuits (maximum)
2
Color - Resin
Natural
Flammability
94V-0
Gender
Female
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Nickel
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Bag
Plating min: Mating (µin)
15.2
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
8
Plating min: Termination (µm)
0.2
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
3A
Material Info
Reference - Drawing Numbers
Product Specification
PS-90059
Sales Drawing
SDA-90059
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90059Series
Use With
(0.64)/.025 square and round pins
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - 90059-0009

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
90059-0007 MOLEX10-90059-0007 Datasheet
163Kb / 2P
   2.54mm (.100) Pitch C-Grid짰 Micro Shunt, Low Profile, 200mm Tin (Sn) Plating
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com