データシートサーチシステム |
|
E-112000-5026 データシート(PDF) 2 Page - Molex Electronics Ltd. |
|
E-112000-5026 データシート(HTML) 2 Page - Molex Electronics Ltd. |
2 / 3 page applicom® Ethernet PCIE2000ETH Best choice for SCADA/HMI applications Overview applicom ® is a range of intelligent communication solutions, complete and ready to use covering more than 40 protocols among a wide choice of industrial networks and fieldbuses: Ethernet TCP/IP, Profibus, Modbus Plus, Data Highway Plus, WorldFIP and Serial Links. These solutions connect your PC-based applications (HMI, SCADA, MES, custom applications) to industrial equipment (programmable controllers, I/O modules, devices...). Thanks to applicom ® smart built-in processor technology - each interface card is able to execute all management and the processing (polling, frame management, etc.) of communications protocols, resulting in extremely fast, efficient application performance. The applicom ® software package includes: Graphical configuration software. Test and network diagnostic tools. Data servers OPC DA v1.0a, v2.05 and v3.0 (including an OPC client with its source code) Wonderware I/O Server (DAServer, DDE, FastDDE, SuiteLink) Development libraries DLL Library MS Visual Studio (.NET/C#/VB/C++/C), Borland Delphi National Instruments (LabWindows CVI, LabVIEW/VI) - Configuration Software - - OPC Server - Connect your applications to industrial networks through Ethernet messaging. Features • RoHS compliant • All protocols included in the package • Free full technical support during 2 years of hardware warranty • On-board processor eliminates data bottle necks, ensuring delivery of time-critical information • Certified with over 50 major SCADA/HMI packages • Fast Ethernet 10/100, RJ-45 Port • COMBO Offer = Ethernet + Profibus 1.5Mbps or Ethernet + Serial 38.4Kbps • Simultaneously run all TCP/IP protocols in Client/Server modes • Redundancy feature via OPC Server • Win32 NDIS driver (using applicom® interface as a standard Ethernet card) • Onboard internal data base (32 Kwords + 32 Kbits) Supported OS Standard package • Windows 32-bit (Vista / XP / 2003 Server) Free Download • Windows XP Embedded, VenturCom RTX, VxWorks, QNX, Linux, DOS Compatible with • Altus • GE Fanuc • Mitsubishi Electric Automation • Omron • Rockwell Automation • Schneider Electric • Siemens applicom ® PCI Express Card |
同様の部品番号 - E-112000-5026 |
|
同様の説明 - E-112000-5026 |