データシートサーチシステム |
|
SD-502761-001 データシート(PDF) 1 Page - Molex Electronics Ltd. |
|
SD-502761-001 データシート(HTML) 1 Page - Molex Electronics Ltd. |
1 / 6 page This document was generated on 04/02/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 5027613300 Status: Active Description: 0.30mm (.012") Pitch Easy-On™ Type FPC Connector, Right Angle, SMT, Bottom Contact, 0.62mm (.024") Mated Height, 33 Circuits Documents: 3D Model Product Specification PS-502761-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family FFC/FPC Connectors Series 502761 Comments FPC with tabs Product Name Easy-On™ Physical Circuits (Loaded) 33 Color - Resin Black Contact Position Bottom Durability (mating cycles max) 10 Entry Angle 90° Angle Mated Height (in) 0.024 In Mated Height (mm) 0.62 mm Material - Metal Copper-Nickel-Tin Material - Plating Mating Gold Number of Rows 1 Orientation Right Angle PCB Locator No PCB Retention Yes Packaging Type Embossed Tape on Reel Pitch - Mating Interface (in) 0.012 In Pitch - Mating Interface (mm) 0.30 mm Polarized to PCB Yes Stackable No Temperature Range - Operating -40°C to +85°C Termination Interface: Style Surface Mount Wire/Cable Type FPC only Electrical Current - Maximum per Contact 0.2A Voltage - Maximum 50V Material Info Reference - Drawing Numbers Product Specification PS-502761-001, RPS-502761-001 Sales Drawing SD-502761-001, SD-502761-002 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 502761Series This document was generated on 04/02/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
同様の部品番号 - SD-502761-001 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |