データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-120066-024 データシート(PDF) 3 Page - Molex Electronics Ltd.

部品番号 SD-120066-024
部品情報  Micro-Change (M12) Double-Ended Cordset, Female to Male, 90째 to Straight, 4 Poles
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-120066-024 データシート(HTML) 3 Page - Molex Electronics Ltd.

  SD-120066-024 Datasheet HTML 1Page - Molex Electronics Ltd. SD-120066-024 Datasheet HTML 2Page - Molex Electronics Ltd. SD-120066-024 Datasheet HTML 3Page - Molex Electronics Ltd. SD-120066-024 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A
7
8
9
10
6
5
3
4
2
1
B
C
D
E
F
A
B
C
D
E
F
7
8
9
6
5
3
4
2
10
1
MOLEX INCORPORATED
SIZE
SCALE
DESIGN UNITS
DIMENSION STYLE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NO.
DOCUMENT NO.
MATERIAL NO.
molex
APPROVED BY
CHECKED BY
DRAWN BY
C =
=
GENERAL TOLERANCES
(UNLESS SPECIFIED)
mm
INCH
4 PLACES
3 PLACES
2 PLACES
1 PLACE
±
±
±
±
±
±
±
ANGULAR ±
°
±
QUALITY
SYMBOLS
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
A3
MICRO-CHANGE CORDSET
3/4/5 P. FE 90 / MA STR
22/3-5 YELLOW TPE CABLE
METRIC
1:1
IN/MM
SD-120066-024
LSTEMMLE
RE
FPACHER
DATE
DATE
DATE
2010/02/01
2010/02/02
2010/02/03
---
.01
---
---
0.3
---
---
---
---
1
THIRD ANGLE
PROJECTION
0
0
1 OF 1
SEE TABLE SHEET 2


同様の部品番号 - SD-120066-024

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-120066-024 MOLEX11-SD-120066-024 Datasheet
172Kb / 4P
   Micro-Change (M12) Double-Ended Cordset, Female to Male, 90째 to Straight, 4 Poles, Length
SD-120066-024 MOLEX11-SD-120066-024 Datasheet
172Kb / 4P
   Micro-Change (M12) Double-Ended Cordset, Female to Male, 90째 to Straight, 4 Poles, Length
SD-120066-024 MOLEX11-SD-120066-024 Datasheet
172Kb / 4P
   Micro-Change (M12) Double-Ended Cordset, Female to Male, 90째 to Straight, 4 Poles, Length
More results

同様の説明 - SD-120066-024

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1200660403 MOLEX11-1200660403 Datasheet
170Kb / 4P
   Micro-Change (M12) Double-Ended Cordset, Female to Male, Straight to 90째, 4 Poles
1200020247 MOLEX-1200020247 Datasheet
34Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90째) to Male (Straight)
1200020244 MOLEX-1200020244 Datasheet
34Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90째) to Male (Straight)
1200020245 MOLEX-1200020245 Datasheet
34Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90째) to Male (Straight)
1200020246 MOLEX-1200020246 Datasheet
34Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90째) to Male (Straight)
1200020485 MOLEX-1200020485 Datasheet
34Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90째) to Male (Straight)
1200020483 MOLEX-1200020483 Datasheet
34Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90째) to Male (Straight)
1200020242 MOLEX-1200020242 Datasheet
34Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90째) to Male (Straight)
1200020484 MOLEX-1200020484 Datasheet
34Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90째) to Male (Straight)
1200070511 MOLEX-1200070511 Datasheet
51Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90째) to Male
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com