データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-502078-004 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-502078-004
部品情報  0.25mm (.010") Pitch Easy-On Type FPC Connector, 1.00mm (.039") Mated Height, Right Angle
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-502078-004 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-502078-004 Datasheet HTML 1Page - Molex Electronics Ltd. SD-502078-004 Datasheet HTML 2Page - Molex Electronics Ltd. SD-502078-004 Datasheet HTML 3Page - Molex Electronics Ltd. SD-502078-004 Datasheet HTML 4Page - Molex Electronics Ltd. SD-502078-004 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 04/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5020782510
Status:
Active
Description:
0.25mm (.010") Pitch Easy-On™ Type FPC Connector, 1.00mm (.039") Mated Height,
Right Angle, SMT, Bottom Contact Style, 25 Circuits, Halogen Free
Documents:
3D Model
Product Specification PS-502078-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
FFC/FPC Connectors
Series
502078
Product Name
Easy-On™
Physical
Circuits (Loaded)
25
Contact Position
Bottom
Durability (mating cycles max)
10
Entry Angle
90° Angle
Mated Height (in)
0.039 In
Mated Height (mm)
1.00 mm
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.010 In
Pitch - Mating Interface (mm)
0.25 mm
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
FPC only
Electrical
Current - Maximum per Contact
0.2A
Voltage - Maximum
50V
Material Info
Reference - Drawing Numbers
Product Specification
PS-502078-002, RPS-502078-005, RPS-502078-006,
RPS-502078-007
Sales Drawing
SD-502078-003, SD-502078-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
502078Series
This document was generated on 04/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - SD-502078-004

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-502078-004 MOLEX11-SD-502078-004 Datasheet
456Kb / 5P
   0.25mm (.010") Pitch Easy-On Type FPC Connector, 1.00mm (.039") Mated Height, Right Angle
SD-502078-004 MOLEX11-SD-502078-004 Datasheet
593Kb / 6P
   0.25mm (.010") Pitch Easy-On Type FPC Connector, 1.00mm (.039") Mated Height, Right Angle, SMT
SD-502078-004 MOLEX11-SD-502078-004 Datasheet
456Kb / 5P
   0.25mm (.010") Pitch Easy-On Type FPC Connector, 1.00mm (.039") Mated Height, Right Angle, SMT
SD-502078-004 MOLEX11-SD-502078-004 Datasheet
456Kb / 5P
   0.25mm (.010") Pitch Easy-On Type FPC Connector, 1.00mm (.039") Mated Height, Right Angle, SMT
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com