データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-105130-100 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-105130-100
部品情報  Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-105130-100 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-105130-100 Datasheet HTML 1Page - Molex Electronics Ltd. SD-105130-100 Datasheet HTML 2Page - Molex Electronics Ltd. SD-105130-100 Datasheet HTML 3Page - Molex Electronics Ltd. SD-105130-100 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1051301002
Status:
Active
Overview:
esatausb_combo_receptacles
Description:
Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith
Through hole type Front Solder Tabs, Reverse Mount on Recessed PCB,Lead free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
105130
Application
Wire-to-Board
Comments
Through hole type front solder tabs . Reverse mounted
on recessed PCB . Durability: 1,500 cycles for USB;
2,500 cycles for eSATA
Component Type
Receptacle
Overview
esatausb_combo_receptacles
Product Name
eSATA/USB Combo, External Serial ATA, USB
Type
N/A
Physical
Circuits (Loaded)
4, 7
Circuits Detail
eSATA: 7 circuits; USB: 4 circuits
Color - Resin
Black
Durability (mating cycles max)
1,500
Gender
Male
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.047 In
PCB Thickness Recommended (mm)
1.20 mm
Packaging Type
Embossed Tape on Reel
Panel Mount
Yes
Pitch - Mating Interface (in)
0.050 In, 0.079 In, 0.098 In
Pitch - Mating Interface (mm)
1.27 mm, 2.00 mm, 2.50 mm
Pitch - Term. Interface (in)
0.050 In, 0.079 In, 0.098 In
Pitch - Term. Interface (mm)
1.27 mm, 2.00 mm, 2.50 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
80
Plating min: Termination (µm)
2
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Temperature Range - Operating
-35°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
105130Series
Mates With
External Serial ATA Cable Assembly or USB
Type A Cable Assembly


同様の部品番号 - SD-105130-100

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-105130-100 MOLEX11-SD-105130-100 Datasheet
218Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole
SD-105130-100 MOLEX11-SD-105130-100 Datasheet
218Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole type Front Solder Tabs
More results

同様の説明 - SD-105130-100

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1051312002 MOLEX11-1051312002 Datasheet
202Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole type
1051312001 MOLEX11-1051312001 Datasheet
202Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole
1051301001 MOLEX11-1051301001 Datasheet
218Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole
1051312000 MOLEX11-1051312000 Datasheet
202Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole type Front Solder
1051301000 MOLEX11-1051301000 Datasheet
218Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole type Front Solder Tabs
0474036001 MOLEX6-0474036001 Datasheet
220Kb / 4P
   Combo External Serial ATA and USB Receptacles, Reverse Type, Through Hole, Right Angle, with Through
0474038002 MOLEX6-0474038002 Datasheet
204Kb / 4P
   Combo External Serial ATA and USB Receptacles, Reverse Type, Through Hole, Right Angle, with Through Hole
0474036002 MOLEX6-0474036002 Datasheet
220Kb / 4P
   Combo External Serial ATA and USB Receptacles, Reverse Type, Through Hole, Right Angle, with Through Hole
1051311000 MOLEX11-1051311000 Datasheet
202Kb / 4P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through Hole, with SMT type
1051271002 MOLEX11-1051271002 Datasheet
163Kb / 3P
   Combo External Serial ATA and USB Receptacles, Right Angle, Through hole, Bottom mount
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com