データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-502584-003 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-502584-003
部品情報  1.50mm (.059") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, Vertical
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-502584-003 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-502584-003 Datasheet HTML 1Page - Molex Electronics Ltd. SD-502584-003 Datasheet HTML 2Page - Molex Electronics Ltd. SD-502584-003 Datasheet HTML 3Page - Molex Electronics Ltd. SD-502584-003 Datasheet HTML 4Page - Molex Electronics Ltd. SD-502584-003 Datasheet HTML 5Page - Molex Electronics Ltd. SD-502584-003 Datasheet HTML 6Page - Molex Electronics Ltd. SD-502584-003 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5025841560
Status:
Active
Description:
1.50mm (.059") Pitch CLIK-Mate™ Wire-to-Board PCB Receptacle, Single Row,
Vertical, with Pick-and-Place Tape, 15 Circuits
Documents:
3D Model
Product Specification PS-502584-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification (PDF)
General
Product Family
PCB Receptacles
Series
502584
Application
Wire-to-Board
Product Name
CLIK-Mate™
Physical
Circuits (Loaded)
15
Color - Resin
Beige
Durability (mating cycles max)
30
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Mated Height (in)
0.382 In
Mated Height (mm)
9.70 mm
Material - Metal
Copper Alloy
Material - Plating Mating
Tin
Number of Rows
1
Orientation
Vertical
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.059 In
Pitch - Mating Interface (mm)
1.50 mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
100V
Material Info
Reference - Drawing Numbers
Application Specification
AS-502578-001, AS-502578-002
Packaging Specification
SPK-502584-001
Product Specification
PS-502584-001, RPS-502584-002, RPS-502584-003,
RPS-502584-004, RPS-502584-005, RPS-502584-006
Sales Drawing
SD-502584-003, SD-502584-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
502584Series
Mates With
502578 Crimp Housing . 502579 Crimp
Terminal
This document was generated on 05/18/2010


同様の部品番号 - SD-502584-003

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-502584-003 MOLEX11-SD-502584-003 Datasheet
632Kb / 7P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, Vertical
SD-502584-003 MOLEX11-SD-502584-003 Datasheet
632Kb / 7P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, Vertical
SD-502584-003 MOLEX11-SD-502584-003 Datasheet
632Kb / 7P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, Vertical, with Pick
SD-502584-003 MOLEX11-SD-502584-003 Datasheet
632Kb / 7P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, Vertical
SD-502584-003 MOLEX11-SD-502584-003 Datasheet
632Kb / 7P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row,Vertical, with Pick-and-Place
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com