データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-120083-021 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-120083-021
部品情報  Micro-Change (M12) Ultra-Lock Single-Ended Cordset, Female - Pigtail, Straight, 8 Poles
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-120083-021 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-120083-021 Datasheet HTML 1Page - Molex Electronics Ltd. SD-120083-021 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1200795031
Status:
Active
Overview:
ultralock_connection_system
Description:
Micro-Change® (M12) Ultra-Lock® Single-Ended Cordset, Female - Pigtail, Straight, 8
Poles, Length 6.0m (19.68' ), Yellow
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Industrial Cordsets
Series
120079
Connector End A
Ultra-Lock® (M12)
Connector End B
Pigtail
IP Rating
IP69K
Overview
ultralock_connection_system
Product Name
Micro-Change® (M12), Ultra-Lock® (M12)
Type
Single Ended
Physical
Cable Diameter
6.60mm (.260")
Cable Length
6.0m (19.68' )
Color - Cable Jacket
Yellow
Coupling Style
Push to Lock
Gender
Female-Pigtail
Keyway
None
LED Indicator
No
Material - Cable Jacket
PUR
Material - Connector Body
PUR
Material - Contact
Brass
Material - Coupling Nut
Nickel-plated Brass
Material - O-Ring
Viton
Material - Plating Mating
Gold over Nickel
Orientation
Straight
Poles
8
Temperature Range - Operating
-25°C to +90°C
Wire Size AWG
24
Wire/Cable Type
UL 20327
Electrical
Current - Maximum per Contact
4A
Voltage - Maximum
30V AC/DC
Material Info
Old Part Number
W08S00P19M060
Reference - Drawing Numbers
Sales Drawing
SD-120083-021
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
120079Series
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - SD-120083-021

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-120083-021 MOLEX11-SD-120083-021 Datasheet
126Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, Female - Pigtail, Straight, 8 Poles, Length 10.0m (32.81 ), Black
More results

同様の説明 - SD-120083-021

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1200795035 MOLEX11-1200795035 Datasheet
124Kb / 2P
   Micro-Change (M12) Ultra-Lock Single-Ended Cordset, Male - Pigtail, Straight, 8 Poles
1200658644 MOLEX-1200658644 Datasheet
25Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 8 Poles, Female (Straight) to Pigtail
1200795031 MOLEX-1200795031_V01 Datasheet
28Kb / 1P
   Ultra-Lock (M12) Single-Ended Cordset, 8 Poles, Female (Straight) to Pigtail
1200795023 MOLEX-1200795023 Datasheet
28Kb / 2P
   Ultra-Lock (M12) Single-Ended Cordset, 8 Poles, Female (Straight) to Pigtail
1200835151 MOLEX-1200835151_V01 Datasheet
28Kb / 1P
   Ultra-Lock (M12) Single-Ended Cordset, 8 Poles, Female (Straight) to Pigtail
1200658173 MOLEX-1200658173 Datasheet
35Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail
1200658176 MOLEX-1200658176 Datasheet
25Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 3 Poles, Female (Straight) to Pigtail
1200060002 MOLEX-1200060002 Datasheet
29Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 3 Poles, Female (Straight) to Pigtail
1200658640 MOLEX-1200658640 Datasheet
25Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 4 Poles, Female (Straight) to Pigtail
1200010296 MOLEX-1200010296 Datasheet
28Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com