データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-120066-024 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-120066-024
部品情報  Micro-Change (M12) Double-Ended Cordset, Female to Male, 90째 to Straight, 4 Poles, Length
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-120066-024 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-120066-024 Datasheet HTML 1Page - Molex Electronics Ltd. SD-120066-024 Datasheet HTML 2Page - Molex Electronics Ltd. SD-120066-024 Datasheet HTML 3Page - Molex Electronics Ltd. SD-120066-024 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1200660381
Status:
Active
Overview:
microchange_m12_connectors
Description:
Micro-Change® (M12) Double-Ended Cordset, Female to Male, 90° to Straight, 4
Poles, Length 5.0m (16.40' ), TPE Cable
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR6837
UL
E152210
General
Product Family
Industrial Cordsets
Series
120066
Connector End A
Micro-Change® (M12)
Connector End B
Micro-Change® (M12)
IP Rating
IP67
NEMA Rating
NEMA 6
Overview
microchange_m12_connectors
Product Name
Micro-Change® (M12)
Type
Double Ended
Physical
Cable Diameter
5.33mm (.210")
Cable Length
5.0m (16.40' )
Color - Cable Jacket
Yellow
Coupling Style
Threaded
Gender
Female-Male
Keyway
Single
LED Indicator
No
Material - Cable Jacket
TPE
Material - Connector Body
TPE
Material - Contact
Copper
Material - Coupling Nut
Nickel-plated Brass
Material - O-Ring
Viton
Material - Plating Mating
Gold over Nickel
Orientation
90° to Straight
Poles
4
Temperature Range - Operating
-20°C to +105°C
Wire Size AWG
22
Wire/Cable Type
UL 2464
Electrical
Current - Maximum per Contact
4A
Voltage - Maximum
250V AC/DC
Material Info
Old Part Number
884031K05M050
Reference - Drawing Numbers
Sales Drawing
SD-120066-024
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
120066Series
This document was generated on 05/31/2010


同様の部品番号 - SD-120066-024

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-120066-024 MOLEX11-SD-120066-024 Datasheet
172Kb / 4P
   Micro-Change (M12) Double-Ended Cordset, Female to Male, 90째 to Straight, 4 Poles
SD-120066-024 MOLEX11-SD-120066-024 Datasheet
172Kb / 4P
   Micro-Change (M12) Double-Ended Cordset, Female to Male, 90째 to Straight, 4 Poles, Length
SD-120066-024 MOLEX11-SD-120066-024 Datasheet
172Kb / 4P
   Micro-Change (M12) Double-Ended Cordset, Female to Male, 90째 to Straight, 4 Poles, Length
More results

同様の説明 - SD-120066-024

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1200660379 MOLEX11-1200660379 Datasheet
172Kb / 4P
   Micro-Change (M12) Double-Ended Cordset, Female to Male, 90째 to Straight, 4 Poles, Length
1200660380 MOLEX11-1200660380 Datasheet
172Kb / 4P
   Micro-Change (M12) Double-Ended Cordset, Female to Male, 90째 to Straight, 4 Poles, Length
1200660403 MOLEX11-1200660403 Datasheet
170Kb / 4P
   Micro-Change (M12) Double-Ended Cordset, Female to Male, Straight to 90째, 4 Poles
1200020247 MOLEX-1200020247 Datasheet
34Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90째) to Male (Straight)
1200660378 MOLEX11-1200660378 Datasheet
172Kb / 4P
   Micro-Change (M12) Double-Ended Cordset, Female to Male, 90째 to Straight, 4 Poles
1200020244 MOLEX-1200020244 Datasheet
34Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90째) to Male (Straight)
1200020245 MOLEX-1200020245 Datasheet
34Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90째) to Male (Straight)
1200020246 MOLEX-1200020246 Datasheet
34Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90째) to Male (Straight)
1200020485 MOLEX-1200020485 Datasheet
34Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90째) to Male (Straight)
1200020483 MOLEX-1200020483 Datasheet
34Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (90째) to Male (Straight)
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com