データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-500809-001 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-500809-001
部品情報  Mini-HMC Shielded Panel-Mount I/O Receptacle Shell, 40 Circuits, 8 Rows, Polarizing Key Type B
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-500809-001 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-500809-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-500809-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-500809-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5008090010
Status:
Active
Description:
Mini-HMC™ Shielded Panel-Mount I/O Receptacle Shell, 40 Circuits, 8 Rows,
Polarizing Key Type B
Documents:
3D Model
Product Specification PS-500810-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
500809
Application
Panel-Mount, Wire-to-Wire
Component Type
Panel Mount Shell
Product Name
Mini-HMC™
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
N/A
Circuits (maximum)
40
Durability (mating cycles max)
50
Gender
Receptacle
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Copper
Material - Plating Termination
Copper
Number of Rows
1
Orientation
Vertical
Packaging Type
Bag
Panel Mount
Screws
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Plating min: Mating (µin)
20
Plating min: Mating (µm)
0.5
Plating min: Termination (µin)
20
Plating min: Termination (µm)
0.5
Polarized to Mating Part
No
Ports
1
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Surface Mount
Waterproof / Dustproof
Yes
Waterproof / Dustproof Type
IP65
Electrical
Current - Maximum per Contact
2.5A
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
250V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-500810-001, RPS-500810-001
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
500809Series
Mates With
500810-0000
Use With
500813-1000 , 56120-8428 , 56120-8528 ,
56121-8428 , 56121-8528


同様の部品番号 - SD-500809-001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-500809-001 MOLEX11-SD-500809-001 Datasheet
175Kb / 3P
   Mini-HMC Shielded Panel-Mount I/O Receptacle Shell, 40 Circuits, 8 Rows, Polarizing Key Type A
More results

同様の説明 - SD-500809-001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
5008090000 MOLEX11-5008090000 Datasheet
175Kb / 3P
   Mini-HMC Shielded Panel-Mount I/O Receptacle Shell, 40 Circuits, 8 Rows, Polarizing Key Type A
5008100010 MOLEX11-5008100010 Datasheet
156Kb / 3P
   Mini-HMC Shielded I/O Plug Shell, 40 Circuits, 8 Rows, Polarizing Key Type B
5008100000 MOLEX11-5008100000 Datasheet
156Kb / 3P
   Mini-HMC Shielded I/O Plug Shell, 40 Circuits, 8 Rows, Polarizing Key Type A
0563773001 MOLEX7-0563773001 Datasheet
107Kb / 2P
   CRC??Shielded Rectangular I/O Receptacle Shell, Panel Mount, Signal, 30 Circuits,Rear Mount Type
0563775001 MOLEX7-0563775001 Datasheet
117Kb / 2P
   CRC??Shielded Rectangular I/O Receptacle Shell, Panel Mount, Signal, 50 Circuits,Rear Mount Type
0563772001 MOLEX7-0563772001 Datasheet
107Kb / 2P
   CRC??Shielded Rectangular I/O Receptacle Shell, Panel Mount, Signal, 20 Circuits, Rear Mount Type
0563772000 MOLEX7-0563772000 Datasheet
106Kb / 2P
   CRC??Shielded Rectangular I/O Receptacle Shell, Panel Mount, Signal, 20 CircuitsFront Mount Type
0563773000 MOLEX7-0563773000 Datasheet
106Kb / 2P
   CRC??Shielded Rectangular I/O Receptacle Shell, Panel Mount, Signal, 30 CircuitsFront Mount Type
0563775000 MOLEX7-0563775000 Datasheet
117Kb / 2P
   CRC??Shielded Rectangular I/O Receptacle Shell, Panel Mount, Signal, 50 CircuitsFront Mount Type
0563771200 MOLEX7-0563771200 Datasheet
110Kb / 2P
   CRC??Shielded Rectangular I/O Receptacle Shell, Panel Mount, for 4-Circuit Powerand 12-Circuit Signal Housings, Front Mount Type
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com