データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-120049-001 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-120049-001
部品情報  Micro-Change Double-Ended Cordset, Straight, Male to Male, 4 Poles, 3.0m (9.84 ) Length, D-Coded Keyway
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-120049-001 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-120049-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-120049-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1201080027
Status:
Active
Overview:
microchange_m12_connectors
Description:
Micro-Change® Double-Ended Cordset, Straight, Male to Male, 4 Poles, 3.0m (9.84' )
Length, D-Coded Keyway
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Industrial Cordsets
Series
120108
Connector End A
Micro-Change® (M12)
Connector End B
Micro-Change® (M12)
IP Rating
IP67
Overview
microchange_m12_connectors
Product Name
Micro-Change® (M12)
Type
Double Ended
Physical
Cable Diameter
6.35mm (.250")
Cable Length
3.0m (9.84' )
Color - Cable Jacket
Blue Green
Coupling Style
Threaded
Gender
Male-Male
Keyway
D-coded
LED Indicator
No
Material - Cable Jacket
PVC
Material - Connector Body
TPU
Material - Contact
Copper
Material - Coupling Nut
Brass
Material - O-Ring
FKM
Material - Plating Mating
Gold over Nickel
Orientation
Straight
Poles
4
Temperature Range - Operating
-25°C to +75°C
Wire Size AWG
26
Wire/Cable Type
Shielded-Stranded
Electrical
Current - Maximum per Contact
1.5A
Voltage - Maximum
125V
Material Info
Old Part Number
E11A06002M030
Reference - Drawing Numbers
Sales Drawing
SD-120049-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
120108Series
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - SD-120049-001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-120005-011 MOLEX-SD-120005-011 Datasheet
275Kb / 3P
   MPIS M12 PNP NPN NOS 5P 6PT AC FE STR XM
2011/12/20
SD-120005-011 MOLEX-SD-120005-011 Datasheet
275Kb / 3P
   MPIS M12 PNP NPN NOS 5P 6PT AC FE STR XM
2011/12/20
SD-120005-015 MOLEX-SD-120005-015 Datasheet
249Kb / 3P
   MPIS M12 PNP NPN NOS 5P 6PT AC FE STR XM
2011/12/20
SD-120005-015 MOLEX-SD-120005-015 Datasheet
249Kb / 3P
   MPIS M12 PNP NPN NOS 5P 6PT AC FE STR XM
2011/12/20
SD-120065-026 MOLEX11-SD-120065-026 Datasheet
161Kb / 2P
   MICRO-CHANGE COERDSET 3/4/5-POL FEMALE STR SE 22/5 YELLOW PVC CABLE
More results

同様の説明 - SD-120049-001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1201080237 MOLEX-1201080237 Datasheet
28Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 22 AWG, Shielded PUR Cable, 3.0m (9.84) Length
01/31/2023
1300480097 MOLEX-1300480097 Datasheet
28Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 24 AWG, Teal TPE Cable, 3.0m (9.84) Length
01/31/2023
1201088422 MOLEX-1201088422 Datasheet
27Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 24 AWG, Teal PVC Cable, 3.0m (9.84) Length
02/01/2023
1200661238 MOLEX-1200661238 Datasheet
49Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 SJOOW Cable, 3.0m (9.84) Length
01/31/2023
1300480009 MOLEX-1300480009 Datasheet
27Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 26 AWG, Teal PVC Cable, 3.0m (9.84) Length
01/31/2023
1200661575 MOLEX-1200661575 Datasheet
42Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 8 Poles, Female (Straight) to Male (Straight), 24 AWG, 3.0m (9.84) Length
01/31/2023
1200660860 MOLEX-1200660860 Datasheet
43Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, PUR Cable, 3.0m (9.84) Length
01/31/2023
1201088306 MOLEX-1201088306 Datasheet
28Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), Green TPU WSOR Cable, 22 AWG, 3.0m (9.84) Length
01/31/2023
1201088304 MOLEX-1201088304 Datasheet
46Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201088311 MOLEX-1201088311 Datasheet
46Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com