データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-502396-001 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-502396-001
部品情報  0.40mm (.016") Pitch SlimStack Board-to-Board Plug, SMT, Dual Row, Vertical Stacking, 2.50mm (.098")
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-502396-001 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-502396-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-502396-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-502396-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-502396-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-502396-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-502396-001 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5023961010
Status:
Active
Overview:
slimstack_mm016_pitch
Description:
0.40mm (.016") Pitch SlimStack™ Board-to-Board Plug, SMT, Dual Row, Vertical
Stacking, 2.50mm (.098") Stacking Height, With Solder Tabs, 100 Circuits
Documents:
3D Model
Product Specification PS-501635-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
502396
Application
Board-to-Board
Overview
slimstack_mm016_pitch
Product Name
SlimStack™
Physical
Breakaway
No
Circuits (Loaded)
100
Circuits (maximum)
100
Color - Resin
Black
Durability (mating cycles max)
30
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Mated Height (in)
0.098 In
Mated Height (mm)
2.50 mm
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.016 In
Pitch - Mating Interface (mm)
0.40 mm
Pitch - Term. Interface (in)
0.016 In
Pitch - Term. Interface (mm)
0.40 mm
Plating min: Mating (µin)
10.000
Plating min: Mating (µm)
0.25
Plating min: Termination (µin)
2.000
Plating min: Termination (µm)
0.05
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
Closed Ends
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-30°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
502396Series
Mates With
501635 SlimStack™ Board-to-Board
Receptacle


同様の部品番号 - SD-502396-001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-502307-001 MOLEX11-SD-502307-001 Datasheet
127Kb / 2P
   CTX150 Female Terminal, Tin (Sn), 22 AWG D-Wind, Left Payoff, Grip Code S
SD-502307-001 MOLEX11-SD-502307-001 Datasheet
127Kb / 2P
   CTX150 Female Terminal, Tin (Sn), 18-20 AWG D-Wind, Left Payoff, Grip Code M
SD-502351-001 MOLEX11-SD-502351-001 Datasheet
141Kb / 3P
   2.00mm (.079") Pitch DuraClik Wire-to-Board Receptacle Housing, Single Row, 6 Circuits
SD-502351-001 MOLEX11-SD-502351-001 Datasheet
251Kb / 4P
   2.00mm (.079") Pitch DuraClik Wire-to-Board Receptacle Housing, Single Row, 8 Circuits
SD-502351-001 MOLEX11-SD-502351-001 Datasheet
141Kb / 3P
   2.00mm (.079") Pitch DuraClik Wire-to-Board Receptacle Housing, Single Row, 4 Circuits
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com