データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-130175-002 データシート(PDF) 2 Page - Molex Electronics Ltd.

部品番号 SD-130175-002
部品情報  Aero-Motive Heavy Duty Retractors, Weight Range 8-15 lbs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-130175-002 データシート(HTML) 2 Page - Molex Electronics Ltd.

  SD-130175-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-130175-002 Datasheet HTML 2Page - Molex Electronics Ltd. SD-130175-002 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3.3 [83]
8.5 [216]
1.2 [29]
0.3 [8]
1.0 [26]
8.6 [218]
THIS LABEL IS DEPENDENT ON THE PLANT WHERE
RETRACTOR IS BUILD & CUSTOMER THAT IS BUILT
FOR. THUS POLAND PLANT WILL USE ONLY
"ASSEMBLED IN POLAND" AND MEXICO PLANT WILL
USE ONLY "ASSEMBLED IN MEXICO". CONTACT
PLANT FOR SPECIFIC ITEM NUMBERS FOR THESE
LABELS.
A
B
C
D
E
F
A
B
C
D
E
F
1
2
3
4
5
6
7
8
9
10
1
2
3
4
5
6
7
8
9
10
NTS
SCALE
SD-130175-002
MOLEX INCORPORATED
SIZE
INCH
IN/MM
DESIGN UNITS
DIMENSION STYLE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NO.
DOCUMENT NO.
MATERIAL NO.
molex
OF RETRACTORS
10F/15F/22F SERIES
----
APPROVED BY
DATE
CHECKED BY
DATE
DRAWN BY
DATE
TITLE
ANGULAR ±1°
±NA
±NA
±NA
±---
±NA
±NA
±NA
±NA
1 PLACE
2 PLACES
3 PLACES
4 PLACES
INCH
mm
=
=
THIRD ANGLE
PROJECTION
B
C
A
0
0
SEE TABLE
1 OF 2


同様の部品番号 - SD-130175-002

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-130175-004 MOLEX11-SD-130175-004 Datasheet
461Kb / 3P
   Aero-Motive Heavy Duty Retractors, Weight Range 8-15 lbs with Ratchet Lock
More results

同様の説明 - SD-130175-002

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1301750008 MOLEX11-1301750008 Datasheet
461Kb / 3P
   Aero-Motive Heavy Duty Retractors, Weight Range 8-15 lbs with Ratchet Lock
1301750005 MOLEX11-1301750005 Datasheet
39Kb / 1P
   Aero-Motive Heavy Duty Retractors, Weight Range 1.8-4.5kg
130175-0050 MOLEX11-130175-0050 Datasheet
28Kb / 1P
   Aero-Motive Heavy Duty Retractors, Weight Range 3.6-10.0kg
130175-0019 MOLEX11-130175-0019 Datasheet
28Kb / 1P
   Aero-Motive Heavy Duty Retractors, Weight Range 0.5-2.3kg
1301750019 MOLEX11-1301750019 Datasheet
28Kb / 1P
   Aero-Motive Heavy Duty Retractors, Weight Range 0.5-2.3kg
130175-0005 MOLEX11-130175-0005 Datasheet
28Kb / 1P
   Aero-Motive Heavy Duty Retractors,
130172-0391 MOLEX11-130172-0391 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty JA Balancer, Weight Range 31.0-39.0kg
130172-0468 MOLEX11-130172-0468 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty EA Balancer, Weight Range 5.0-9.0kg
130171-0284 MOLEX11-130171-0284 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty KA Balancer, Weight Range 72.0-79.0kg
130172-0241 MOLEX11-130172-0241 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty JA Balancer, Weight Range 31.0-39.0kg
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com