データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-105027-101 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-105027-101
部品情報  1.10mm(.043"), 0.76mm(.030"), 0.70mm(.028") Pitch microSD Card Header with Detect Switch (Pin 8)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-105027-101 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-105027-101 Datasheet HTML 1Page - Molex Electronics Ltd. SD-105027-101 Datasheet HTML 2Page - Molex Electronics Ltd. SD-105027-101 Datasheet HTML 3Page - Molex Electronics Ltd. SD-105027-101 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1050271001
Status:
Active
Overview:
microsd
Description:
1.10mm(.043"), 0.76mm(.030"), 0.70mm(.028") Pitch microSD Card Header with Detect
Switch (Pin 8), Height 1.70mm (.067"), Lead Free
Documents:
3D Model
Product Specification PS-105027-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Memory Card Sockets
Series
105027
Button Type
Push-Pull
Comments
<LI>Detect Pin located at Pin 8
Component Type
I/O Header (Card)
Overview
microsd
Product Name
microSD Card, TransFlash
Type
N/A
Physical
Card Detection Switch
Yes
Circuits (Loaded)
8
Circuits (maximum)
8
Color - Resin
Black
Durability (mating cycles max)
10,000
Ejector Button Side
No Ejector Button Present
Entry Angle
Horizontal
Keying to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
PCB Locator
No
PCB Mounting Side
Normal
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.043 In
Pitch - Mating Interface (mm)
1.10 mm
Pitch - Term. Interface (in)
0.043 In
Pitch - Term. Interface (mm)
1.10 mm
Plating min: Mating (µin)
29.5
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
2
Plating min: Termination (µm)
0.05
Ports
1
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Shielded
Yes
Voltage - Maximum
5V DC
Material Info
Reference - Drawing Numbers
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
105027Series
Mates With
Standard SIM Card
Use With
microSD Card


同様の部品番号 - SD-105027-101

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-105027-001 MOLEX11-SD-105027-001 Datasheet
159Kb / 4P
   1.10mm(.043"), 0.75mm(.030"), 0.70mm(.028") Pitch microSD Card Header with Detect Switch, Height 1.70mm (.067"), Lead Free
SD-105027-801 MOLEX11-SD-105027-801 Datasheet
184Kb / 4P
   1.10mm(.043"), 0.75mm(.030"), 0.70mm(.028") Pitch microSD Card Header with Detect Switch (VDD), Height 1.70mm
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com